Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL8103 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL8103
Description  500MHz Rail-to-Rail Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8103 Datasheet(HTML) 3 Page - Intersil Corporation

  EL8103 Datasheet HTML 1Page - Intersil Corporation EL8103 Datasheet HTML 2Page - Intersil Corporation EL8103 Datasheet HTML 3Page - Intersil Corporation EL8103 Datasheet HTML 4Page - Intersil Corporation EL8103 Datasheet HTML 5Page - Intersil Corporation EL8103 Datasheet HTML 6Page - Intersil Corporation EL8103 Datasheet HTML 7Page - Intersil Corporation EL8103 Datasheet HTML 8Page - Intersil Corporation EL8103 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
AC PERFORMANCE
BW
-3dB Bandwidth
AV = +1, RF = 0Ω, CL = 5pF
500
MHz
AV = -1, RF = 1kΩ, CL = 5pF
140
MHz
AV = +2, RF = 1kΩ, CL = 5pF
165
MHz
AV = +10, RF = 1kΩ, CL = 5pF
18
MHz
BW
±0.1dB Bandwidth
AV = +1, RF = 0Ω, CL = 5pF
35
MHz
Peak
Peaking
AV = +1, RL = 1kΩ, CL = 5pF
1
dB
GBWP
Gain Bandwidth Product
200
MHz
PM
Phase Margin
RL = 1kΩ, CL = 5pF
55
°
SR
Slew Rate
AV = 2, RL = 100Ω, VOUT = 0.5V to 4.5V
500
600
V/µs
tR
Rise Time
2.5VSTEP, 20% - 80%
4
ns
tF
Fall Time
2.5VSTEP, 20% - 80%
2
ns
OS
Overshoot
200mV step
10
%
tPD
Propagation Delay
200mV step
1
ns
tS
0.1% Settling Time
200mV step
15
ns
dG
Differential Gain
AV = +2, RF = 1kΩ, RL = 150Ω
0.01
%
dP
Differential Phase
AV = +2, RF = 1kΩ, RL = 150Ω
0.01
°
eN
Input Noise Voltage
f = 10kHz
12
nV/
√Hz
iN+
Positive Input Noise Current
f = 10kHz
1.7
pA/
√Hz
iN-
Negative Input Noise Current
f = 10kHz
1.3
pA/
√Hz
Electrical Specifications
VS+ = 5V, VS- = GND, TA = 25°C, VCM = 2.5V, RL to 2.5V, AV = 1, Unless Otherwise Specified (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Pin Descriptions
PIN
NAME
FUNCTION
EL8102IS
EL8102IW
EL8103IW
1
NC
Not connected
2
4
4
IN-
Inverting input
3
3
3
IN+
Non-inverting input
4
2
2
VS-
Negative power supply
5
NC
Not connected
6
1
1
OUT
Amplifier output
7
6
5
VS+
Positive power supply
85
ENABLE
Enable and disable input
EL8102, EL8103


Similar Part No. - EL8103

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8103 INTERSIL-EL8103 Datasheet
221Kb / 12P
   500MHz Rail-to-Rail Amplifiers
EL8103 INTERSIL-EL8103 Datasheet
363Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8103 RENESAS-EL8103 Datasheet
752Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8103IW-T7 INTERSIL-EL8103IW-T7 Datasheet
221Kb / 12P
   500MHz Rail-to-Rail Amplifiers
EL8103IW-T7 INTERSIL-EL8103IW-T7 Datasheet
363Kb / 14P
   500MHz Rail-to-Rail Amplifiers
More results

Similar Description - EL8103

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8202 RENESAS-EL8202 Datasheet
945Kb / 16P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
5962-0721301QHC INTERSIL-5962-0721301QHC Datasheet
133Kb / 6P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102 Datasheet
221Kb / 12P
   500MHz Rail-to-Rail Amplifiers
EL8403 INTERSIL-EL8403 Datasheet
739Kb / 16P
   500MHz Rail-to-Rail Amplifiers
5962-0721301QXC INTERSIL-5962-0721301QXC Datasheet
131Kb / 5P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8102 RENESAS-EL8102 Datasheet
752Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8403 INTERSIL-EL8403 Datasheet
740Kb / 16P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_07 Datasheet
363Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
5962-0623501 RENESAS-5962-0623501 Datasheet
237Kb / 4P
   500MHz Rail-to-Rail Amplifiers
November 3, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com