Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC5612 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDC5612
Description  60V N-Channel PowerTrench짰 MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC5612 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDC5612_04 Datasheet HTML 1Page - Fairchild Semiconductor FDC5612_04 Datasheet HTML 2Page - Fairchild Semiconductor FDC5612_04 Datasheet HTML 3Page - Fairchild Semiconductor FDC5612_04 Datasheet HTML 4Page - Fairchild Semiconductor FDC5612_04 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FDC5612 Rev. C2
Typical Characteristics
Figure 3. On-Resistance Variation
with Temperature.
Figure 4. On-Resistance Variation
with Gate-to-Source Voltage.
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage
Variation with Source Current
and Temperature.
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
o
C)
ID = 4.3A
VGS = 10V
0
4
8
12
16
20
123456
VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
o
C
25
o
C
125
o
C
VDS = 5V
0.8
1
1.2
1.4
1.6
1.8
04
8
1 2
1 6
2 0
ID, DRAIN CURRENT (A )
V GS = 4.0V
10V
5.0V
4.5V
6.0V
8.0V
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
24
68
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 2.2A
TA = 125
o
C
TA = 25
o
C
0
4
8
12
16
20
0
123
4
VDS, DRAIN-SOURCE VOLTAGE (V)
VGS = 10V
6.0V
5.0V
4.5V
4.0V
3.5V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
o
C
25
o
C
-55
o
C
VGS = 0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation
with Drain Current and Gate Voltage.


Similar Part No. - FDC5612_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC5612 FAIRCHILD-FDC5612 Datasheet
244Kb / 8P
   60V N-Channel PowerTrenchTM MOSFET
logo
TECH PUBLIC Electronics...
FDC5612 TECHPUBLIC-FDC5612 Datasheet
1Mb / 3P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - FDC5612_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD5670 FAIRCHILD-FDD5670_11 Datasheet
144Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
FDD5690 FAIRCHILD-FDD5690_02 Datasheet
167Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
FDB20AN06A0 FAIRCHILD-FDB20AN06A0 Datasheet
609Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 45A, 20m?
FDMS030N06B FAIRCHILD-FDMS030N06B Datasheet
243Kb / 10P
   N-Channel PowerTrench짰 MOSFET 60V, 100A, 3m?
FDI040N06 FAIRCHILD-FDI040N06 Datasheet
521Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 168A, 4.0mW
FDB029N06 FAIRCHILD-FDB029N06 Datasheet
511Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 193A, 3.1mW
FDB039N06 FAIRCHILD-FDB039N06 Datasheet
544Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 174A, 3.9mW
FDD5810 FAIRCHILD-FDD5810 Datasheet
266Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60V, 35A, 27mOhm
FDP030N06B FAIRCHILD-FDP030N06B Datasheet
748Kb / 9P
   N-Channel PowerTrench짰 MOSFET 60V, 195A, 3.1m
FDB14AN06L_F085 FAIRCHILD-FDB14AN06L_F085 Datasheet
306Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 60A, 14.6mW
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com