Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7566DREZ-T7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL7566DREZ-T7
Description  Monolithic 6A DC/DC Step-Down Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7566DREZ-T7 Datasheet(HTML) 4 Page - Intersil Corporation

  EL7566DREZ-T7 Datasheet HTML 1Page - Intersil Corporation EL7566DREZ-T7 Datasheet HTML 2Page - Intersil Corporation EL7566DREZ-T7 Datasheet HTML 3Page - Intersil Corporation EL7566DREZ-T7 Datasheet HTML 4Page - Intersil Corporation EL7566DREZ-T7 Datasheet HTML 5Page - Intersil Corporation EL7566DREZ-T7 Datasheet HTML 6Page - Intersil Corporation EL7566DREZ-T7 Datasheet HTML 7Page - Intersil Corporation EL7566DREZ-T7 Datasheet HTML 8Page - Intersil Corporation EL7566DREZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN7102.7
May 8, 2006
VEN_HI
EN Input High Threshold
2.6
V
VEN_LO
EN Input Low Threshold
1V
IEN
Enable Pull-up Current
VEN = 0
-4
-2.5
µA
TM, SEL_HI
Input High Level
2.6
V
TM, SEL_LO
Input Low Level
1V
DC Electrical Specifications
VDD = VIN = 3.3V, TA = TJ = 25°C, COSC = 390pF, Unless Otherwise Specified (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Pin Descriptions
PIN NUMBER
PIN NAME
PIN FUNCTION
1
COMP
Error amplifier output; place loop compensation components here
2
VREF
Bandgap reference bypass capacitor; typically 0.022µF to 0.047µF to SGND
3
FB
Voltage feedback input; connected to external resistor divider between VOUT and SGND for adjustable
output; also used for speed-up capacitor connection
4
VO
Output sense for fixed output option. This pin can be open for EL7566
5
VTJ
Junction temperature monitor output
6
TM
Stress test enable; allows ±5% output movement; connect to SGND if function is not used
7
SEL
Positive or negative stress select; see text
8, 9, 10, 11, 12, 13
LX
Inductor drive pin; high current output whose average voltage equals the regulator output voltage
14, 15
NC
Not used
16, 17, 18
PGND
Ground return of the regulator; connected to the source of the low-side synchronous NMOS Power FET
19, 20, 21
VIN
Power supply input of the regulator; connected to the drain of the high-side PMOS Power FET
22
VDD
Control circuit positive supply; connected to VIN through an internal 20Ω resistor
23
PG
Power-good window comparator output; logic 1 when regulator output is within ±10% of target output
voltage
24
EN
Chip enable, active high; a 2.5µA internal pull-up current enables the device if the pin is left open; a
capacitor can be added at this pin to delay the start of a converter
25
STP
Auxilliary supply tracking positive input; tied to regulator output to synchronize start-up with a second
supply; leave open for standalone operation; 2µA internal pull-up current
26
STN
Auxiliary supply tracking negative input; connect to output of a second supply to synchronize start-up;
leave open for standalone operation; 2µA internal pull-up current
27
COSC
Oscillator timing capacitor (see performance curves)
28
SGND
Control circuit negative supply or signal ground
EL7566


Similar Part No. - EL7566DREZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7566DREZ-T7 INTERSIL-EL7566DREZ-T7 Datasheet
490Kb / 14P
   Monolithic 6 Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7566DREZ-T7 RENESAS-EL7566DREZ-T7 Datasheet
751Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
More results

Similar Description - EL7566DREZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7566 RENESAS-EL7566 Datasheet
751Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
   Monolithic 4A DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7562 INTERSIL-EL7562 Datasheet
246Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
EL7562 INTERSIL-EL7562_06 Datasheet
162Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7562 RENESAS-EL7562 Datasheet
470Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Linear Technology
LTC3616 LINER-LTC3616_15 Datasheet
533Kb / 28P
   6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3616 LINER-LTC3616 Datasheet
442Kb / 28P
   6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3609 LINER-LTC3609_15 Datasheet
424Kb / 26P
   32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
LTC3609 LINER-LTC3609 Datasheet
271Kb / 24P
   32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
logo
Intersil Corporation
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com