Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7566AIREZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL7566AIREZ
Description  Monolithic 6A DC/DC Step-Down Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7566AIREZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL7566AIREZ Datasheet HTML 3Page - Intersil Corporation EL7566AIREZ Datasheet HTML 4Page - Intersil Corporation EL7566AIREZ Datasheet HTML 5Page - Intersil Corporation EL7566AIREZ Datasheet HTML 6Page - Intersil Corporation EL7566AIREZ Datasheet HTML 7Page - Intersil Corporation EL7566AIREZ Datasheet HTML 8Page - Intersil Corporation EL7566AIREZ Datasheet HTML 9Page - Intersil Corporation EL7566AIREZ Datasheet HTML 10Page - Intersil Corporation EL7566AIREZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
FN7102.7
May 8, 2006
FIGURE 7. FS vs LOAD CURRENT
FIGURE 8. LOAD REGULATIONS
FIGURE 9. HTSSOP THERMAL RESISTANCE vs PCB AREA
(NO AIR FLOW)
FIGURE 10. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 11. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
Typical Performance Curves
VIN = VD = 5V, VO = 2.5V, IO = 6A, fS = 500kHz, L = 2.7µH, CIN = 100µF, COUT = 150µF, TA = 25°C unless otherwise noted. (Continued)
526
508
506
504
024
6
IO (A)
520
VIN=3.3V
VIN=5V
512
516
135
524
518
510
514
522
0.1
-0.25
-0.3
-0.35
02
46
IO (A)
0
-0.15
135
-0.05
-0.2
-0.1
0.05
50
45
40
35
30
25
12
34567
89
PCB AREA (in2)
CONDITION:
28-Pin HTSSOP THERMAL PAD
SOLDERED TO 2-LAYER PCB
WITH 0.039" THICKNESS AND
1 OZ. COPPER ON BOTH SIDES
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
3.5
2.5
2.0
1.0
0.5
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
1.5
3.0
1.00
0.90
0.30
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
85
0.70
0.20
0.50
125
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.10
0.40
0.60
0.80
EL7566


Similar Part No. - EL7566AIREZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7566AIREZ INTERSIL-EL7566AIREZ Datasheet
490Kb / 14P
   Monolithic 6 Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7566AIREZ RENESAS-EL7566AIREZ Datasheet
751Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7566AIREZ-T13 INTERSIL-EL7566AIREZ-T13 Datasheet
490Kb / 14P
   Monolithic 6 Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7566AIREZ-T13 RENESAS-EL7566AIREZ-T13 Datasheet
751Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7566AIREZ-T7 INTERSIL-EL7566AIREZ-T7 Datasheet
490Kb / 14P
   Monolithic 6 Amp DC-DC Step-Down Regulator
More results

Similar Description - EL7566AIREZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7566 RENESAS-EL7566 Datasheet
751Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
   Monolithic 4A DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7562 INTERSIL-EL7562 Datasheet
246Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
EL7562 INTERSIL-EL7562_06 Datasheet
162Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7562 RENESAS-EL7562 Datasheet
470Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Linear Technology
LTC3616 LINER-LTC3616_15 Datasheet
533Kb / 28P
   6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3616 LINER-LTC3616 Datasheet
442Kb / 28P
   6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3609 LINER-LTC3609_15 Datasheet
424Kb / 26P
   32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
LTC3609 LINER-LTC3609 Datasheet
271Kb / 24P
   32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
logo
Intersil Corporation
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com