Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL8102ISZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL8102ISZ
Description  500MHz Rail-to-Rail Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8102ISZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL8102ISZ Datasheet HTML 4Page - Intersil Corporation EL8102ISZ Datasheet HTML 5Page - Intersil Corporation EL8102ISZ Datasheet HTML 6Page - Intersil Corporation EL8102ISZ Datasheet HTML 7Page - Intersil Corporation EL8102ISZ Datasheet HTML 8Page - Intersil Corporation EL8102ISZ Datasheet HTML 9Page - Intersil Corporation EL8102ISZ Datasheet HTML 10Page - Intersil Corporation EL8102ISZ Datasheet HTML 11Page - Intersil Corporation EL8102ISZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FIGURE 23. SMALL SIGNAL TRANSIENT REPONSE
FIGURE 24. OUTPUT SWING
FIGURE 25. OUTPUT SWING
FIGURE 26. ENABLED RESPONSES
FIGURE 27. DISABLED RESPONSE
FIGURE 28. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
VS=5V, AV=1, RL=1kΩ TO 2.5V, CL= 5pF
10ns/DIV
2.4
2.6
2.5
2.6
2.4
2.5
VOUT
VIN
VS=5V, AV=5, RL=1kΩ TO 2.5V
2µs/DIV
0
2.5
5
VS=5V, AV=5, RL=1kΩ TO 2.5V
2µs/DIV
0
2.5
5
CH1, CH2, 1V/DIV, M=100ns
CH2
CH1
ENABLE
INPUT
VOUT
CH1, CH2, 0.5V/DIV, M=20ns
CH2
CH1
ENABLE
INPUT
VOUT
909mW
1.4
1.2
1
0.8
0.6
0.2
0
0
25
50
75
100
150
125
85
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.4
AMBIENT TEMPERATURE (°C)
435mW
SO8
θJA=110°C/W
SOT23-5/6
θJA=230°C/W
EL8102, EL8103


Similar Part No. - EL8102ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8102ISZ INTERSIL-EL8102ISZ Datasheet
221Kb / 12P
   500MHz Rail-to-Rail Amplifiers
EL8102ISZ INTERSIL-EL8102ISZ Datasheet
363Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8102ISZ RENESAS-EL8102ISZ Datasheet
752Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8102ISZ-T13 INTERSIL-EL8102ISZ-T13 Datasheet
221Kb / 12P
   500MHz Rail-to-Rail Amplifiers
EL8102ISZ-T13 INTERSIL-EL8102ISZ-T13 Datasheet
363Kb / 14P
   500MHz Rail-to-Rail Amplifiers
More results

Similar Description - EL8102ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8202 RENESAS-EL8202 Datasheet
945Kb / 16P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
5962-0721301QHC INTERSIL-5962-0721301QHC Datasheet
133Kb / 6P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102 Datasheet
221Kb / 12P
   500MHz Rail-to-Rail Amplifiers
EL8403 INTERSIL-EL8403 Datasheet
739Kb / 16P
   500MHz Rail-to-Rail Amplifiers
5962-0721301QXC INTERSIL-5962-0721301QXC Datasheet
131Kb / 5P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8102 RENESAS-EL8102 Datasheet
752Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8403 INTERSIL-EL8403 Datasheet
740Kb / 16P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_07 Datasheet
363Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
5962-0623501 RENESAS-5962-0623501 Datasheet
237Kb / 4P
   500MHz Rail-to-Rail Amplifiers
November 3, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com