Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5193A Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5193A
Description  Single 300MHz Current Feedback Amplifier with Enable
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5193A Datasheet(HTML) 1 Page - Intersil Corporation

  EL5193A Datasheet HTML 1Page - Intersil Corporation EL5193A Datasheet HTML 2Page - Intersil Corporation EL5193A Datasheet HTML 3Page - Intersil Corporation EL5193A Datasheet HTML 4Page - Intersil Corporation EL5193A Datasheet HTML 5Page - Intersil Corporation EL5193A Datasheet HTML 6Page - Intersil Corporation EL5193A Datasheet HTML 7Page - Intersil Corporation EL5193A Datasheet HTML 8Page - Intersil Corporation EL5193A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
®
FN7182.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004, 2006. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
EL5193, EL5193A
Single 300MHz Current Feedback
Amplifier with Enable
The EL5193 and EL5193A are current feedback amplifiers
with a bandwidth of 300MHz. This makes these amplifiers
ideal for today’s high speed video and monitor applications.
With a supply current of just 4mA and the ability to run from
a single supply voltage from 5V to 10V, these amplifiers are
also ideal for hand held, portable or battery-powered
equipment.
The EL5193A also incorporates an enable and disable
function to reduce the supply current to 100µA typical per
amplifier. Allowing the CE pin to float or applying a low logic
level will enable the amplifier.
The EL5193 is offered in the 5 Ld SOT-23 package and the
EL5193A is available in the 6 Ld SOT-23 as well as the
industry-standard 8 Ld SO packages. Both operate over the
industrial temperature range of -40°C to +85°C.
Features
• 300MHz -3dB bandwidth
• 4mA supply current
• Single and dual supply operation, from 5V to 10V supply
span
• Fast enable/disable (EL5193A only)
• Available in SOT-23 packages
• Dual (EL5293) and triple (EL5393) available
• High speed, 1GHz product available (EL5193)
• High speed, 6mA, 600MHz product available (EL5192,
EL5292, and EL5392)
• Pb-free plus anneal available (RoHS compliant)
Applications
• Battery powered equipment
• Hand held, portable devices
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment
• Instrumentation
• Current to voltage converters
Pinouts
Ordering Information
PART NUMBER
PART
MARKING
TAPE &
REEL
PACKAGE
PKG.
DWG. #
EL5193CW-T7
P
7”
(3K pcs)
5 Ld SOT-23 MDP0038
EL5193CW-T7A
P
7”
(250 pcs)
5 Ld SOT-23 MDP0038
EL5193CWZ-T7
(Note)
BAAW
7”
(3K pcs)
5 Ld SOT-23
(Pb-free)
MDP0038
EL5193CWZ-T7A
(Note)
BAAW
7”
(250 pcs)
5 Ld SOT-23
(Pb-free)
MDP0038
EL5193ACW-T7
P
7”
(3K pcs)
6 Ld SOT-23 MDP0038
EL5193ACWZ-T7
(Note)
BAAV
7”
(3K pcs)
6 Ld SOT-23
(Pb-free)
MDP0038
EL5193ACS
5193ACS
-
8 Ld SO
MDP0027
EL5193ACS-T7
5193ACS
7”
8 Ld SO
MDP0027
EL5193ACS-T13 5193ACS
13”
8 Ld SO
MDP0027
EL5193ACSZ
(Note)
5193ACSZ
-
8 Ld SO
(Pb-free)
MDP0027
EL5193ACSZ-T7
(Note)
5193ACSZ
7”
8 Ld SO
(Pb-free)
MDP0027
EL5193ACSZ-T13
(Note)
5193ACSZ
13”
8 Ld SO
(Pb-free)
MDP0027
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
1
2
3
5
4
EL5193
(5 LD SOT-23)
TOP VIEW
-
+
OUT
VS-
IN+
VS+
IN-
1
2
3
6
4
EL5193A
(6 LD SOT-23)
TOP VIEW
-
+
OUT
VS-
IN+
VS+
IN-
5 CE
1
2
3
4
8
7
6
5
-
+
NC
IN-
IN+
VS-
CE
VS+
OUT
NC
EL5193A
(8 LD SO)
TOP VIEW
Data Sheet
April 24, 2006
NOT
RECO
MME
NDED
FOR
NEW
DESI
GNS
SEE
EL51
60/EL
5161,
EL51
62/EL
5163


Similar Part No. - EL5193A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5193A INTERSIL-EL5193A Datasheet
406Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5193A RENESAS-EL5193A Datasheet
928Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5193ACS INTERSIL-EL5193ACS Datasheet
345Kb / 17P
   Single 300MHz Current Feedback Amplifier with Enable
EL5193ACS INTERSIL-EL5193ACS Datasheet
406Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5193ACS RENESAS-EL5193ACS Datasheet
928Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
More results

Similar Description - EL5193A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5193 INTERSIL-EL5193 Datasheet
345Kb / 17P
   Single 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_07 Datasheet
406Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5193 RENESAS-EL5193 Datasheet
928Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
EL5293 RENESAS-EL5293 Datasheet
800Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5493 INTERSIL-EL5493 Datasheet
281Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
EL5293 INTERSIL-EL5293 Datasheet
307Kb / 14P
   Dual 300MHz Current Feedback Amplifier with Enable
EL5293 INTERSIL-EL5293_07 Datasheet
349Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
EL5393A INTERSIL-EL5393A Datasheet
594Kb / 16P
   Triple 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5493 RENESAS-EL5493 Datasheet
834Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
April, 2003
logo
Elantec Semiconductor
EL5193C ELANTEC-EL5193C Datasheet
368Kb / 17P
   Single 300MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com