Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5392ACS-T13 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5392ACS-T13
Description  Triple 600MHz Current Feedback Amplifier with Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5392ACS-T13 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5392ACS-T13 Datasheet HTML 5Page - Intersil Corporation EL5392ACS-T13 Datasheet HTML 6Page - Intersil Corporation EL5392ACS-T13 Datasheet HTML 7Page - Intersil Corporation EL5392ACS-T13 Datasheet HTML 8Page - Intersil Corporation EL5392ACS-T13 Datasheet HTML 9Page - Intersil Corporation EL5392ACS-T13 Datasheet HTML 10Page - Intersil Corporation EL5392ACS-T13 Datasheet HTML 11Page - Intersil Corporation EL5392ACS-T13 Datasheet HTML 12Page - Intersil Corporation EL5392ACS-T13 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
FN7194.1
March 9, 2006
Typical Performance Curves (Continued)
Settling Time vs Settling Accuracy
25
20
15
10
5
0
0.01
0.1
1
Settling Accuracy (%)
AV=2
RF=RG=375Ω
RL=150Ω
VSTEP=5VP-P output
Transimpedance (RoI) vs Temperature
500
450
350
300
-40
10
60
110
160
Die Temperature (°C)
400
ICMR and IPSR vs Temperature
2.5
2
1
0.5
0
-0.5
-1
-40
10
60
110
160
Die Temperature (°C)
1.5
ICMR+
ICMR-
IPSR
Offset Voltage vs Temperature
3
1
0
-1
-2
-40
10
60
110
160
Die Temperature (°C)
2
PSRR and CMRR vs Temperature
90
80
60
50
40
30
20
10
-40
10
60
110
160
Die Temperature (°C)
70
PSRR
CMRR
Input Current vs Temperature
60
40
20
-20
-40
-60
-80
-40
10
110
160
Temperature (°C)
0
60
IB+
IB-
EL5392A


Similar Part No. - EL5392ACS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5392ACS-T13 INTERSIL-EL5392ACS-T13 Datasheet
580Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
More results

Similar Description - EL5392ACS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5392A INTERSIL-EL5392A Datasheet
580Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5192 INTERSIL-EL5192 Datasheet
386Kb / 17P
   600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5192 RENESAS-EL5192 Datasheet
934Kb / 20P
   600MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5192 INTERSIL-EL5192_07 Datasheet
414Kb / 20P
   600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292_07 Datasheet
342Kb / 16P
   Dual 600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292 Datasheet
580Kb / 14P
   Dual 600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5292 RENESAS-EL5292 Datasheet
794Kb / 16P
   Dual 600MHz Current Feedback Amplifier with Enable
logo
Elantec Semiconductor
EL5392C ELANTEC-EL5392C Datasheet
320Kb / 15P
   Triple 600MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com