Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5397ACS-T13 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5397ACS-T13
Description  Triple 200MHz Fixed Gain Amplifier with Enable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5397ACS-T13 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL5397ACS-T13 Datasheet HTML 2Page - Intersil Corporation EL5397ACS-T13 Datasheet HTML 3Page - Intersil Corporation EL5397ACS-T13 Datasheet HTML 4Page - Intersil Corporation EL5397ACS-T13 Datasheet HTML 5Page - Intersil Corporation EL5397ACS-T13 Datasheet HTML 6Page - Intersil Corporation EL5397ACS-T13 Datasheet HTML 7Page - Intersil Corporation EL5397ACS-T13 Datasheet HTML 8Page - Intersil Corporation EL5397ACS-T13 Datasheet HTML 9Page - Intersil Corporation EL5397ACS-T13 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
FN7197.1
November 8, 2006
Typical Performance Curves (Continued)
Closed Loop Output Impedance vs Frequency
Frequency (Hz)
100
0.001
0.1
10
0.01
1
10
0
8
6
0
Supply Voltage (V)
Supply Current vs Supply Voltage
12
210
8
6
4
2
4
100
10k
100M
1G
1M
10
Frequency (MHz)
100
25
-10
15
20
-5
0
5
10
AV=+2
RL=150Ω
Two-Tone 3rd Order Input Referred Intermodulation Intercept
(IIP3)
AV=+2
RL=100Ω
2nd and 3rd Harmonic Distortion vs Frequency
1
Frequency (MHz)
10
100
-20
-80
-40
-60
-90
-50
-70
AV=+2
VOUT=2VP-P
RL=100Ω
3rd Order
Distortion
-30
0.03
0.02
0.01
0
-0.01
-0.02
-0.03
-0.04
-0.05
-1
-0.5
0
0.5
1
dP
dG
AV=2
0.04
0.03
0.02
0.01
0
-0.01
-0.02
-0.03
-0.04
-1
-0.5
0
0.5
1
dP
dG
AV=1
Differential Gain/Phase vs DC Input Voltage at 3.58MHz
DC Input Voltage
Differential Gain/Phase vs DC Input Voltage at 3.58MHz
DC Input Voltage
1k
100k
10M
2nd Order
Distortion
EL5397A


Similar Part No. - EL5397ACS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5397ACS-T13 INTERSIL-EL5397ACS-T13 Datasheet
563Kb / 13P
   Triple 200MHz Fixed Gain Amplifier with Enable
logo
Renesas Technology Corp
EL5397ACS-T13 RENESAS-EL5397ACS-T13 Datasheet
871Kb / 15P
   Triple 200MHz Fixed Gain Amplifier with Enable
November 8, 2006
More results

Similar Description - EL5397ACS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5397A INTERSIL-EL5397A Datasheet
563Kb / 13P
   Triple 200MHz Fixed Gain Amplifier with Enable
logo
Renesas Technology Corp
EL5397A RENESAS-EL5397A Datasheet
871Kb / 15P
   Triple 200MHz Fixed Gain Amplifier with Enable
November 8, 2006
logo
Elantec Semiconductor
EL5197C ELANTEC-EL5197C Datasheet
224Kb / 15P
   Single 200MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5197 INTERSIL-EL5197 Datasheet
275Kb / 13P
   Single 200MHz Fixed Gain Amplifier with Enable
EL5197 INTERSIL-EL5197_07 Datasheet
329Kb / 16P
   Single 200MHz Fixed Gain Amplifier with Enable
logo
Elantec Semiconductor
EL5397C ELANTEC-EL5397C Datasheet
295Kb / 14P
   Triple 200MHz Fixed Gain Amplifier
logo
Intersil Corporation
EL5396A INTERSIL-EL5396A Datasheet
557Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
logo
Renesas Technology Corp
EL5396A RENESAS-EL5396A Datasheet
750Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
September 20, 2002
logo
Elantec Semiconductor
EL5197C ELANTEC-EL5197C Datasheet
291Kb / 14P
   Single 200MHz Fixed Gain Amplifier
logo
List of Unclassifed Man...
EL5196AC ETC1-EL5196AC Datasheet
223Kb / 15P
   Single 400MHz Fixed Gain Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com