Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5392ACU-T13 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL5392ACU-T13
Description  Triple 600MHz Current Feedback Amplifier with Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5392ACU-T13 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL5392ACU-T13 Datasheet HTML 3Page - Intersil Corporation EL5392ACU-T13 Datasheet HTML 4Page - Intersil Corporation EL5392ACU-T13 Datasheet HTML 5Page - Intersil Corporation EL5392ACU-T13 Datasheet HTML 6Page - Intersil Corporation EL5392ACU-T13 Datasheet HTML 7Page - Intersil Corporation EL5392ACU-T13 Datasheet HTML 8Page - Intersil Corporation EL5392ACU-T13 Datasheet HTML 9Page - Intersil Corporation EL5392ACU-T13 Datasheet HTML 10Page - Intersil Corporation EL5392ACU-T13 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
FN7194.1
March 9, 2006
Typical Performance Curves (Continued)
Peaking vs Temperature
2
1
0.5
0
-0.5
-50
0
50
100
Ambient Temperature (°C)
1.5
RL=150Ω
-50
AV=1
AV=2
AV=-1
AV=-2
Voltage and Current Noise vs Frequency
100
Frequency (Hz)
1k
10k
100k
10M
1M
in+
in-
en
1k
1
10
100
10
0
4
8
2
6
0
Supply Voltage (V)
Supply Current vs Supply Voltage
12
210
8
6
4
Closed Loop Output Impedance vs Frequency
Frequency (Hz)
100
0.001
0.1
10
0.01
1
100
10k
100M
1G
1M
100k
10M
1k
2nd and 3rd Harmonic Distortion vs Frequency
1
Frequency (MHz)
10
100
-20
-100
-30
-80
-50
-70
-40
-90
-60
AV=+2
VOUT=2VP-P
RL=100Ω
2nd Order
Distortion
10
Frequency (MHz)
100
200
30
-15
10
15
20
25
-10
-5
0
5
AV=+2
RL=150Ω
Two-Tone 3rd Order
Input Referred Intermodulation Intercept (IIP3)
AV=+2
RL=100Ω
3rd Order
Distortion
EL5392A


Similar Part No. - EL5392ACU-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5392ACU-T13 INTERSIL-EL5392ACU-T13 Datasheet
580Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
More results

Similar Description - EL5392ACU-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5392A INTERSIL-EL5392A Datasheet
580Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5192 INTERSIL-EL5192 Datasheet
386Kb / 17P
   600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5192 RENESAS-EL5192 Datasheet
934Kb / 20P
   600MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5192 INTERSIL-EL5192_07 Datasheet
414Kb / 20P
   600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292_07 Datasheet
342Kb / 16P
   Dual 600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292 Datasheet
580Kb / 14P
   Dual 600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5292 RENESAS-EL5292 Datasheet
794Kb / 16P
   Dual 600MHz Current Feedback Amplifier with Enable
logo
Elantec Semiconductor
EL5392C ELANTEC-EL5392C Datasheet
320Kb / 15P
   Triple 600MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com