Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5211IYEZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5211IYEZ
Description  60MHz Rail-to-Rail Input-Output Op Amps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5211IYEZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL5211IYEZ Datasheet HTML 2Page - Intersil Corporation EL5211IYEZ Datasheet HTML 3Page - Intersil Corporation EL5211IYEZ Datasheet HTML 4Page - Intersil Corporation EL5211IYEZ Datasheet HTML 5Page - Intersil Corporation EL5211IYEZ Datasheet HTML 6Page - Intersil Corporation EL5211IYEZ Datasheet HTML 7Page - Intersil Corporation EL5211IYEZ Datasheet HTML 8Page - Intersil Corporation EL5211IYEZ Datasheet HTML 9Page - Intersil Corporation EL5211IYEZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
FN7119.5
January 10, 2007
Typical Performance Curves
FIGURE 1.
200
INPUT OFFSET VOLTAGE (mV)
0
500
400
100
300
TYPICAL
PRODUCTION
DISTRIBUTION
VS=±5V
TA=+25°C
INPUT OFFSET VOLTAGE DISTRIBUTION
FIGURE 2.
INPUT OFFSET VOLTAGE DRIFT, TCVOS (µV/°C)
5
0
25
15
20
10
VS=±5V
TYPICAL
PRODUCTION
DISTRIBUTION
INPUT OFFSET VOLTAGE DRIFT
FIGURE 3.
0.0
0.5
TEMPERATURE (°C)
-0.5
1.0
-10
-50
30
70
110
150
1.5
2.0
INPUT OFFSET VOLTAGE vs TEMPERATURE
FIGURE 4.
0.000
TEMPERATURE (°C)
-0.008
0.008
-0.004
-0.012
0.004
-50
-10
30
70
110
150
VS=±5V
INPUT BIAS CURRENT vs TEMPERATURE
FIGURE 5. OUTPUT HIGH VOLTAGE vs TEMPERATURE
4.88
4.90
4.86
4.96
4.92
4.94
VS=±5V
IOUT=5mA
TEMPERATURE (°C)
-10
-50
30
70
110
150
FIGURE 6. OUTPUT LOW VOLTAGE vs TEMPERATURE
-4.91
-4.87
-4.95
-4.85
-4.89
-4.93
VS=±5V
IOUT=5mA
TEMPERATURE (°C)
-10
-50
30
70
110
150
EL5111, EL5211, EL5411


Similar Part No. - EL5211IYEZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5211IYEZ INTERSIL-EL5211IYEZ Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5211IYEZ INTERSIL-EL5211IYEZ Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5211IYEZ INTERSIL-EL5211IYEZ Datasheet
453Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
August 27, 2015
logo
Renesas Technology Corp
EL5211IYEZ RENESAS-EL5211IYEZ Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5211IYEZ-T13 INTERSIL-EL5211IYEZ-T13 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
More results

Similar Description - EL5211IYEZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111IWTZ-T7 INTERSIL-EL5111IWTZ-T7 Datasheet
453Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
August 27, 2015
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Renesas Technology Corp
EL5211A RENESAS-EL5211A Datasheet
579Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com