Electronic Components Datasheet Search |
|
EL5411IRE Datasheet(PDF) 4 Page - Intersil Corporation |
|
EL5411IRE Datasheet(HTML) 4 Page - Intersil Corporation |
4 / 18 page Electrical Specifications VS+ = +5V, VS- = 0V, RL = 1kΩ to 2.5V, TA = +25°C, Unless Otherwise Specified PARAMETER DESCRIPTION CONDITION MIN TYP MAX UNIT INPUT CHARACTERISTICS VOS Input Offset Voltage VCM = 2.5V 3 15 mV TCVOS Average Offset Voltage Drift (Note 4) 7 µV/°C IB Input Bias Current VCM = 2.5V 2 60 nA RIN Input Impedance 1 G Ω CIN Input Capacitance 2 pF CMIR Common-Mode Input Range -0.5 +5.5 V CMRR Common-Mode Rejection Ratio for VIN from -0.5V to 5.5V 45 66 dB AVOL Open-Loop Gain 0.5V ≤ VOUT ≤ 4.5V 62 70 dB OUTPUT CHARACTERISTICS VOL Output Swing Low IL = -5mA 80 150 mV VOH Output Swing High IL = 5mA 4.85 4.92 V ISC Short-circuit Current ±180 mA IOUT Output Current ±65 mA POWER SUPPLY PERFORMANCE PSRR Power Supply Rejection Ratio VS is moved from 4.5V to 15.5V 60 80 dB IS Supply Current No load (EL5111) 2.5 4.5 mA No load (EL5211) 5 7.5 mA No load (EL5411) 10 15 mA DYNAMIC PERFORMANCE SR Slew Rate (Note 5) 1V ≤ VOUT ≤ 4V, 20% to 80% 75 V/µs tS Settling to +0.1% (AV = +1) (AV = +1), VO = 2V step 80 ns BW -3dB Bandwidth 60 MHz GBWP Gain-Bandwidth Product 32 MHz PM Phase Margin 50 ° CS Channel Separation f = 5MHz (EL5211 and EL5411 only) 110 dB dG Differential Gain (Note 6) RF = RG = 1kΩ and VOUT = 1.4V 0.17 % dP Differential Phase (Note 6) RF = RG = 1kΩ and VOUT = 1.4V 0.24 ° NOTES: 4. Measured over operating temperature range. 5. Slew rate is measured on rising and falling edges. 6. NTSC signal generator used. 4 FN7119.5 January 10, 2007 EL5111, EL5211, EL5411 |
Similar Part No. - EL5411IRE |
|
Similar Description - EL5411IRE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |