Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5327CR-T7 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL5327CR-T7
Description  2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5327CR-T7 Datasheet(HTML) 2 Page - Intersil Corporation

  EL5327CR-T7 Datasheet HTML 1Page - Intersil Corporation EL5327CR-T7 Datasheet HTML 2Page - Intersil Corporation EL5327CR-T7 Datasheet HTML 3Page - Intersil Corporation EL5327CR-T7 Datasheet HTML 4Page - Intersil Corporation EL5327CR-T7 Datasheet HTML 5Page - Intersil Corporation EL5327CR-T7 Datasheet HTML 6Page - Intersil Corporation EL5327CR-T7 Datasheet HTML 7Page - Intersil Corporation EL5327CR-T7 Datasheet HTML 8Page - Intersil Corporation EL5327CR-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
FN7111.4
May 4, 2007
Ordering Information
PART NUMBER
PART MARKING
TAPE & REEL
PACKAGE
PKG. DWG. #
EL5127CY
R
-
10 Ld MSOP (3.0mm)
MDP0043
EL5127CY-T7
R
7”
10 Ld MSOP (3.0mm)
MDP0043
EL5127CY-T13
R
13”
10 Ld MSOP (3.0mm)
MDP0043
EL5127CYZ (Note)
BAAAH
-
10 Ld MSOP (3.0mm) (Pb-Free)
MDP0043
EL5127CYZ-T7 (Note)
BAAAH
7”
10 Ld MSOP (3.0mm) (Pb-Free)
MDP0043
EL5127CYZ-T13 (Note)
BAAAH
13”
10 Ld MSOP (3.0mm) (Pb-Free)
MDP0043
EL5227CL
5227CL
-
24 Ld QFN (4mmx5mm)
MDP0046
EL5227CL-T7
5227CL
7”
24 Ld QFN (4mmx5mm)
MDP0046
EL5227CL-T13
5227CL
13”
24 Ld QFN (4mmx5mm)
MDP0046
EL5227CLZ (Note)
5227CLZ
-
24 Ld QFN (4mmx5mm) (Pb-Free)
MDP0046
EL5227CLZ-T7 (Note)
5227CLZ
7”
24 Ld QFN (4mmx5mm) (Pb-Free)
MDP0046
EL5227CLZ-T13 (Note)
5227CLZ
13”
24 Ld QFN (4mmx5mm) (Pb-Free)
MDP0046
EL5227CR
5227CR
-
20 Ld TSSOP (4.4mm)
MDP0044
EL5227CR-T7
5227CR
7”
20 Ld TSSOP (4.4mm)
MDP0044
EL5227CR-T13
5227CR
13”
20 Ld TSSOP (4.4mm)
MDP0044
EL5227CRZ (Note)
5227CRZ
-
20 Ld TSSOP (4.4mm) (Pb-Free)
M20.173
EL5227CRZ-T7 (Note)
5227CRZ
7”
20 Ld TSSOP (4.4mm) (Pb-Free)
M20.173
EL5227CRZ-T13 (Note)
5227CRZ
13”
20 Ld TSSOP (4.4mm) (Pb-Free)
M20.173
EL5327CL
5327CL
-
24 Ld QFN (4mmx5mm)
MDP0046
EL5327CL-T7
5327CL
7”
24 Ld QFN (4mmx5mm)
MDP0046
EL5327CL-T13
5327CL
13”
24 Ld QFN (4mmx5mm)
MDP0046
EL5327CLZ (Note)
5327CLZ
-
24 Ld QFN (4mmx5mm) (Pb-Free)
MDP0046
EL5327CLZ-T7 (Note)
5327CLZ
7”
24 Ld QFN (4mmx5mm) (Pb-Free)
MDP0046
EL5327CLZ-T13 (Note)
5327CLZ
13”
24 Ld QFN (4mmx5mm) (Pb-Free)
MDP0046
EL5327CR
5327CR
-
24 Ld TSSOP (4.4mm)
MDP0044
EL5327CR-T7
5327CR
7”
24 Ld TSSOP (4.4mm)
MDP0044
EL5327CR-T13
5327CR
13”
24 Ld TSSOP (4.4mm)
MDP0044
EL5327CRZ (Note)
5327CRZ
-
24 Ld TSSOP (4.4mm) (Pb-Free)
MDP0044
EL5327CRZ-T7 (Note)
5327CRZ
7”
24 Ld TSSOP (4.4mm) (Pb-Free)
MDP0044
EL5327CRZ-T13 (Note)
5327CRZ
13”
24 Ld TSSOP (4.4mm) (Pb-Free)
MDP0044
EL5427CL
5427CL
-
32 Ld QFN (5mmx6mm)
MDP0046
EL5427CL-T7
5427CL
7”
32 Ld QFN (5mmx6mm)
MDP0046
EL5427CL-T13
5427CL
13”
32 Ld QFN (5mmx6mm)
MDP0046
EL5427CLZ (Note)
5427CLZ
-
32 Ld QFN (5mmx6mm) (Pb-Free)
MDP0046
EL5427CLZ-T7 (Note)
5427CLZ
7”
32 Ld QFN (5mmx6mm) (Pb-Free)
MDP0046
EL5127, EL5227, EL5327, EL5427


Similar Part No. - EL5327CR-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5327CR-T7 INTERSIL-EL5327CR-T7 Datasheet
300Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Renesas Technology Corp
EL5327CR-T7 RENESAS-EL5327CR-T7 Datasheet
778Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
More results

Similar Description - EL5327CR-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5127 RENESAS-EL5127 Datasheet
778Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5127 INTERSIL-EL5127 Datasheet
300Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Elantec Semiconductor
EL5127C ELANTEC-EL5127C Datasheet
138Kb / 2P
   Product Brief 2.5MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5423 INTERSIL-EL5423 Datasheet
289Kb / 12P
   12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
logo
Renesas Technology Corp
EL5123 RENESAS-EL5123 Datasheet
777Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5123 INTERSIL-EL5123 Datasheet
290Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
EL5123 INTERSIL-EL5123 Datasheet
560Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Elantec Semiconductor
EL5123C ELANTEC-EL5123C Datasheet
139Kb / 2P
   Product Brief 12MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Input-Output Buffers
logo
Analog Devices
LTC2630 AD-LTC2630 Datasheet
495Kb / 22P
   Single 12-/10-/8-Bit Rail-to- Rail DACs
logo
Renesas Technology Corp
EL5027 RENESAS-EL5027 Datasheet
524Kb / 10P
   Dual 2.5MHz Rail-to-Rail Input-Output Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com