Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5411IR-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5411IR-T7
Description  60MHz Rail-to-Rail Input-Output Op Amps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5411IR-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  EL5411IR-T7 Datasheet HTML 1Page - Intersil Corporation EL5411IR-T7 Datasheet HTML 2Page - Intersil Corporation EL5411IR-T7 Datasheet HTML 3Page - Intersil Corporation EL5411IR-T7 Datasheet HTML 4Page - Intersil Corporation EL5411IR-T7 Datasheet HTML 5Page - Intersil Corporation EL5411IR-T7 Datasheet HTML 6Page - Intersil Corporation EL5411IR-T7 Datasheet HTML 7Page - Intersil Corporation EL5411IR-T7 Datasheet HTML 8Page - Intersil Corporation EL5411IR-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
®
FN7119.5
EL5111, EL5211, EL5411
60MHz Rail-to-Rail Input-Output Op Amps
The EL5111, EL5211, and EL5411 are low power, high
voltage rail-to-rail input-output amplifiers. The EL5111
represents a single amplifier, the EL5211 contains two
amplifiers, and the EL5411 contains four amplifiers.
Operating on supplies ranging from 5V to 15V, while
consuming only 2.5mA per amplifier, the EL5111, EL5211,
and EL5411 have a bandwidth of 60MHz (-3dB). They also
provide common mode input ability beyond the supply rails,
as well as rail-to-rail output capability. This enables these
amplifiers to offer maximum dynamic range at any supply
voltage.
The EL5111, EL5211, and EL5411 also feature fast slewing
and settling times, as well as a high output drive capability of
65mA (sink and source). These features make these
amplifiers ideal for high speed filtering and signal
conditioning application. Other applications include battery
power, portable devices, and anywhere low power
consumption is important.
The EL5111 is available in 5 Ld TSOT and 8 Ld HMSOP
packages. The EL5211 is available in the 8 Ld HMSOP
package. The EL5411 is available in space-saving 14 Ld
HTSSOP packages. All feature a standard operational
amplifier pinout. These amplifiers operate over a temperature
range of -40°C to +85°C.
Features
• Pb-free plus anneal available (RoHS compliant)
• 60MHz -3dB bandwidth
• Supply voltage = 4.5V to 16.5V
• Low supply current (per amplifier) = 2.5mA
• High slew rate = 75V/µs
• Unity-gain stable
• Beyond the rails input capability
• Rail-to-rail output swing
• ±180mA output short current
Applications
• TFT-LCD panels
•VCOM amplifiers
• Drivers for A-to-D converters
• Data acquisition
• Video processing
• Audio processing
• Active filters
• Test equipment
• Battery-powered applications
• Portable equipment
Pinouts
EL5111
(8 LD HMSOP)
TOP VIEW
NC
VS+
VOUT
NC
VS-
VIN+
VIN-
NC 1
2
3
4
8
7
6
5
-
+
EL5111
(5 LD TSOT)
TOP VIEW
1
2
3
5
4
-
+
VIN+
VS-
VOUT
VIN-
VS+
EL5211
(8 LD HMSOP)
TOP VIEW
VS+
VOUTB
VINB-
VINB+
VS-
VINA+
VINA-
VOUTA 1
2
3
4
8
7
6
5
-
+
-
+
EL5411
(14 LD HTSSOP)
TOP VIEW
-
+
-
+
-
+
-
+
VS-
VS+
VINB+
VINB-
VOUTB
VINA+
VINA-
VOUTA
VINC+
VINC-
VOUTC
VIND+
VIND-
VOUTD
1
2
3
4
14
13
12
11
5
6
7
10
9
8
Data Sheet
January 10, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2004, 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL5411IR-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5411IR-T7 INTERSIL-EL5411IR-T7 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
More results

Similar Description - EL5411IR-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111IWTZ-T7 INTERSIL-EL5111IWTZ-T7 Datasheet
453Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
August 27, 2015
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Renesas Technology Corp
EL5211A RENESAS-EL5211A Datasheet
579Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com