Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7156CNZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL7156CNZ
Description  High Performance Pin Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7156CNZ Datasheet(HTML) 3 Page - Intersil Corporation

  EL7156CNZ Datasheet HTML 1Page - Intersil Corporation EL7156CNZ Datasheet HTML 2Page - Intersil Corporation EL7156CNZ Datasheet HTML 3Page - Intersil Corporation EL7156CNZ Datasheet HTML 4Page - Intersil Corporation EL7156CNZ Datasheet HTML 5Page - Intersil Corporation EL7156CNZ Datasheet HTML 6Page - Intersil Corporation EL7156CNZ Datasheet HTML 7Page - Intersil Corporation EL7156CNZ Datasheet HTML 8Page - Intersil Corporation EL7156CNZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
FN7280.2
November 3, 2005
Electrical Specifications
VS+ = +5V, VH = +5V, VL = -5V, VS- = -5V, TA = 25°C, unless otherwise specified
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
INPUT
VIH
Logic ‘1’ Input Voltage
2.0
V
IIH
Logic ‘1’ Input Current
VIH = VS+0.1
10
µA
VIL
Logic ‘0’ Input Voltage
0.8
V
IIL
Logic ‘0’ Input Current
VIL = 0V
0.1
10
µA
CIN
Input Capacitance
3.5
pF
RIN
Input Resistance
50
M
OUTPUT
ROVH
ON Resistance VH to OUT
IOUT = -200mA
3.4
5
ROVL
ON Resistance VL to OUT
IOUT = +200mA
4
6
IOUT
Output Leakage Current
OE = 0V, OUT = VH/VL
0.1
10
µA
IPK
Peak Output Current
(linear resistive operation)
Source
3.5
A
Sink
3.5
A
IDC
Continuous Output Current
Source/Sink
200
mA
POWER SUPPLY
IS
Power Supply Current
Inputs = VS+1
2.5
mA
VH
Off Leakage at VH and VL
VH, VL = 0V
4
10
µA
SWITCHING CHARACTERISTICS
tR
Rise Time
CL = 2000pF
17
ns
tF
Fall Time
CL = 2000pF
17
ns
tRF∆
tR, tF Mismatch
CL = 2000pF
0
ns
tD-1
Turn-Off Delay Time
CL = 2000pF
11.5
ns
tD-2
Turn-On Delay Time
CL = 2000pF
12
ns
tD∆
tD-1-tD-2 Mismatch
CL = 2000pF
0.5
ns
tD-3
3-state Delay Enable
10
ns
tD-4
3-state Delay Disable
10
ns
EL7156


Similar Part No. - EL7156CNZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
232Kb / 10P
   High Performance Pin Driver
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
294Kb / 11P
   High Performance Pin Driver
September 1, 2015
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
294Kb / 11P
   High Performance Pin Driver
September 1, 2015
logo
Renesas Technology Corp
EL7156CNZ RENESAS-EL7156CNZ Datasheet
555Kb / 11P
   High Performance Pin Driver
More results

Similar Description - EL7156CNZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7156 INTERSIL-EL7156 Datasheet
232Kb / 10P
   High Performance Pin Driver
logo
Renesas Technology Corp
EL7156 RENESAS-EL7156 Datasheet
555Kb / 11P
   High Performance Pin Driver
logo
Intersil Corporation
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
294Kb / 11P
   High Performance Pin Driver
September 1, 2015
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
294Kb / 11P
   High Performance Pin Driver
September 1, 2015
EL7155CSZ INTERSIL-EL7155CSZ Datasheet
367Kb / 10P
   High Performance Pin Driver
October 24, 2014
logo
Renesas Technology Corp
EL7155 RENESAS-EL7155 Datasheet
524Kb / 10P
   High Performance Pin Driver
logo
Intersil Corporation
EL7155 INTERSIL-EL7155_06 Datasheet
477Kb / 10P
   High Performance Pin Driver
logo
Zarlink Semiconductor I...
MF446 ZARLINK-MF446 Datasheet
402Kb / 4P
   High-Performance PIN
logo
Mitel Networks Corporat...
1A354 MITEL-1A354 Datasheet
46Kb / 2P
   High-Performance PIN
logo
Zarlink Semiconductor I...
MF432 ZARLINK-MF432 Datasheet
158Kb / 3P
   High Performance PIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com