Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7156CS-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL7156CS-T7
Description  High Performance Pin Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7156CS-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  EL7156CS-T7 Datasheet HTML 1Page - Intersil Corporation EL7156CS-T7 Datasheet HTML 2Page - Intersil Corporation EL7156CS-T7 Datasheet HTML 3Page - Intersil Corporation EL7156CS-T7 Datasheet HTML 4Page - Intersil Corporation EL7156CS-T7 Datasheet HTML 5Page - Intersil Corporation EL7156CS-T7 Datasheet HTML 6Page - Intersil Corporation EL7156CS-T7 Datasheet HTML 7Page - Intersil Corporation EL7156CS-T7 Datasheet HTML 8Page - Intersil Corporation EL7156CS-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
FN7280.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003, 2005. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
EL7156
High Performance Pin Driver
The EL7156 high performance pin driver with 3-state is
suited to many ATE and level-shifting applications. The 3.5A
peak drive capability makes this part an excellent choice
when driving high capacitance loads.
The output pin OUT is connected to input pins VH or VL
respectively, depending on the status of the IN pin. When the
OE pin is active low, the output is placed in the 3-state mode.
The isolation of the output FETs from the power supplies
enables VH and VL to be set independently, enabling level-
shifting to be implemented. Related to the EL7155, the
EL7156 adds a lower supply pin VS- and makes VL an
isolated and independent input. This feature adds
applications flexibility and improves switching response due
to the increased enhancement of the output FETs.
This pin driver has improved performance over existing pin
drivers. It is specifically designed to operate at voltages
down to 0V across the switch elements while maintaining
good speed and on-resistance characteristics.
Available in the 8 Ld SO and 8 Ld PDIP packages, the
EL7156 is specified for operation over the full -40°C to
+85°C temperature range.
Pinout
EL7156
(8 LD PDIP, SO)
TOP VIEW
Features
• Clocking speeds up to 40MHz
• 15ns tr/tf at 2000pF CLOAD
• 0.5ns rise and fall times mismatch
• 0.5ns TON-TOFF prop delay mismatch
• 3.5pF typical input capacitance
• 3.5A peak drive
• Low on resistance of 3.5
• High capacitive drive capability
• Operates from 4.5V to 16.5V
• Pb-free plus anneal available (RoHS compliant)
Applications
• ATE/burn-in testers
• Level shifting
•IGBT drivers
• CCD drivers
1
2
3
4
8
7
6
5
L
O
G
I
C
VS+
OE
IN
GND
VH
OUT
VL
VS-
Ordering Information
PART NUMBER
PART
MARKING
TAPE &
REEL
PACKAGE
PKG.
DWG. #
EL7156CN
EL7156CN
-
8 Ld PDIP
MDP0031
EL7156CNZ
(Note)
EL7156CNZ
-
8 Ld PDIP*
(Pb-free)
MDP0031
EL7156CS
7156CS
-
8 Ld SO
MDP0027
EL7156CS-T7
7156CS
7”
8 Ld SO
MDP0027
EL7156CS-T13
7156CS
13”
8 Ld SO
MDP0027
EL7156CSZ
(Note)
7156CSZ
-
8 Ld SO
(Pb-free)
MDP0027
EL7156CSZ-T7
(Note)
7156CSZ
7”
8 Ld SO
(Pb-free)
MDP0027
EL7156CSZ-T13
(Note)
7156CSZ
13”
8 Ld SO
(Pb-free)
MDP0027
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
*Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
Data Sheet
November 3, 2005


Similar Part No. - EL7156CS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7156CS-T7 INTERSIL-EL7156CS-T7 Datasheet
232Kb / 10P
   High Performance Pin Driver
More results

Similar Description - EL7156CS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7156 INTERSIL-EL7156 Datasheet
232Kb / 10P
   High Performance Pin Driver
logo
Renesas Technology Corp
EL7156 RENESAS-EL7156 Datasheet
555Kb / 11P
   High Performance Pin Driver
logo
Intersil Corporation
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
294Kb / 11P
   High Performance Pin Driver
September 1, 2015
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
294Kb / 11P
   High Performance Pin Driver
September 1, 2015
EL7155CSZ INTERSIL-EL7155CSZ Datasheet
367Kb / 10P
   High Performance Pin Driver
October 24, 2014
logo
Renesas Technology Corp
EL7155 RENESAS-EL7155 Datasheet
524Kb / 10P
   High Performance Pin Driver
logo
Intersil Corporation
EL7155 INTERSIL-EL7155_06 Datasheet
477Kb / 10P
   High Performance Pin Driver
logo
Zarlink Semiconductor I...
MF446 ZARLINK-MF446 Datasheet
402Kb / 4P
   High-Performance PIN
logo
Mitel Networks Corporat...
1A354 MITEL-1A354 Datasheet
46Kb / 2P
   High-Performance PIN
logo
Zarlink Semiconductor I...
MF432 ZARLINK-MF432 Datasheet
158Kb / 3P
   High Performance PIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com