Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX1500-100 Datasheet(PDF) 2 Page - NTE Electronics

Part # RX1500-100
Description  ECG Isopropanol
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

RX1500-100 Datasheet(HTML) 2 Page - NTE Electronics

  RX1500-100 Datasheet HTML 1Page - NTE Electronics RX1500-100 Datasheet HTML 2Page - NTE Electronics RX1500-100 Datasheet HTML 3Page - NTE Electronics RX1500-100 Datasheet HTML 4Page - NTE Electronics RX1500-100 Datasheet HTML 5Page - NTE Electronics RX1500-100 Datasheet HTML 6Page - NTE Electronics RX1500-100 Datasheet HTML 7Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ECG Isopropanol
EEC Environment - "N"
3. HAZARDS IDENTIFICATION
EMERGENCY OVERVIEW
PHYSICAL APPEARANCE: Clear, Colorless, Volatile Liquid
IMMEDIATE CONCERNS: Flammable liquid and vapor.
POTENTIAL HEALTH EFFECTS
EYES: Moderately irritating to the eyes.
SKIN: Prolonged or repeated contact can result in defatting and drying of the skin which may result in skin
irritation and dermatitis (rash).
SKIN ABSORPTION: Skin absorption can occur.
INGESTION: This product is toxic by ingestion. Ingestion may cause irritation of the digestive tract. Nausea
and vomiting will most likely occur.
INHALATION: High concentrations in immediate area can displace oxygen and can cause dizziness,
unconsciousness, and possibly death with longer exposure. Keep people away from such vapors without self-
contained breathing apparatus.
4. FIRST AID MEASURES
EYES: Immediately flush eyes with plenty of water. Get medical attention, if irritation persists.
SKIN: Immediately wash skin with soap and plenty of water. Remove contaminated clothing. Get medical attention
if symptoms occur. Wash clothing before reuse.
INGESTION: Do not induce vomiting. Give milk or water. Get immediate medical attention immediately.
INHALATION: Remove to fresh air. If not breathing, give artificial respiration or give oxygen by trained
personnel. Seek immediate medical attention.
5. FIRE FIGHTING MEASURES
FLASHPOINT AND METHOD: 11.7°C (53°F)TAG CC
FLAMMABLE LIMITS: 2.0 to 12.0
EXTINGUISHING MEDIA: Use alcohol foam, carbon dioxide, or water spray when fighting fires involving this
material.
file:///N|/MSDS/8025hrfe.htm (2 of 7)1/13/2004 12:04:33 PM


Similar Part No. - RX1500-100

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RX1505S RECOM-RX1505S Datasheet
103Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RX1509S RECOM-RX1509S Datasheet
103Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
More results

Similar Description - RX1500-100

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
RX2200-14 NTE-RX2200-14 Datasheet
38Kb / 6P
   ECG Silicon Lube
RX100-10 NTE-RX100-10 Datasheet
47Kb / 8P
   ECG Electronics Freezer
RX500-6 NTE-RX500-6 Datasheet
47Kb / 8P
   ECG Cleaner/Lubricant
RX3200-12 NTE-RX3200-12 Datasheet
38Kb / 8P
   ECG Electronics Wash
RX200-20 NTE-RX200-20 Datasheet
45Kb / 7P
   ECG Electronics Degreaser
RX2100-48 NTE-RX2100-48 Datasheet
40Kb / 7P
   ECG Techclean Wiper
RX1700-2.5 NTE-RX1700-2.5 Datasheet
120Kb / 7P
   ECG Smoke Detector Tester
logo
Bruckewell Technology L...
MUR860FS BWTECH-MUR860FS Datasheet
300Kb / 4P
   Easily cleaned with Alcohol,Isopropanol and Similar
logo
NTE Electronics
RX2600-P NTE-RX2600-P Datasheet
38Kb / 6P
   ECG Label & Adhesive Remover Pen
RX1401-16 NTE-RX1401-16 Datasheet
121Kb / 7P
   ECG Electronics HD Cleaning Solvent
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com