Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7232CSZ-T13 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL7232CSZ-T13
Description  Dual Channel, High Speed, High Current Line Driver with 3-State
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7232CSZ-T13 Datasheet(HTML) 1 Page - Intersil Corporation

  EL7232CSZ-T13 Datasheet HTML 1Page - Intersil Corporation EL7232CSZ-T13 Datasheet HTML 2Page - Intersil Corporation EL7232CSZ-T13 Datasheet HTML 3Page - Intersil Corporation EL7232CSZ-T13 Datasheet HTML 4Page - Intersil Corporation EL7232CSZ-T13 Datasheet HTML 5Page - Intersil Corporation EL7232CSZ-T13 Datasheet HTML 6Page - Intersil Corporation EL7232CSZ-T13 Datasheet HTML 7Page - Intersil Corporation EL7232CSZ-T13 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
®
FN7283.2
EL7232
Dual Channel, High Speed, High Current
Line Driver with 3-State
The EL7232 3-state drivers are particularly well suited for
ATE and microprocessor based applications. The low
quiescent power dissipation makes this part attractive in
battery applications. The 2A peak drive capability, makes the
EL7232 an excellent choice when driving high speed
capacitive lines, as well. The input circuitry provides level
shifting from TTL levels to the supply rails. The EL7232 is
available in 8-pin PDIP and 8-lead SO packages.
Features
• 3-State output
• 3V and 5V input compatible
• Clocking speeds up to 10MHz
• 20ns Switching/delay time
• 2A Peak drive
• Low, matched output impedance 5
Ω
• Low quiescent current 2.5mA
• Wide operating voltage 4.5V-16V
• Pb-Free available (RoHS compliant)
Applications
• Parallel bus line drivers
• EPROM and PROM programming
• Motor controls
• Charge pumps
• Sampling circuits
• Pin drivers
• Bridge circuits
Pinout
Ordering Information
PART
NUMBER
PART
MARKING
PACKAGE
TAPE &
REEL
PKG.
DWG. #
EL7232CN
EL7232CN
8 Ld PDIP
-
MDP0031
EL7232CNZ
EL7232CN Z 8 Ld PDIP*
-
MDP0031
EL7232CS
7232CS
8 Ld SOIC
-
MDP0027
EL7232CS-T7
7232CS
8 Ld SOIC
7”
MDP0027
EL7232CSZ
(See Note)
7232CSZ
8 Ld SOIC
(Pb-free)
-
MDP0027
EL7232CSZ-T7
(See Note)
7232CSZ
8 Ld SOIC
(Pb-free)
7”
MDP0027
EL7232CSZ-T13
(See Note)
7232CSZ
8 Ld SOIC
(Pb-free)
13”
MDP0027
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
*Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
Truth Table
3-STATE
INPUT
OUTPUT
10
1
11
0
00
Open
01
Open
Manufactured under U.S. Patent Nos. 5,334,883, #5,341,047
EL7232
(8-PIN PDIP, SO)
TOP VIEW
V+
A OUT
B OUT
GND
3-STATE
A IN
3-STATE
B IN
Data Sheet
July 5, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2003, 2005-2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL7232CSZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7232CSZ-T13 INTERSIL-EL7232CSZ-T13 Datasheet
113Kb / 6P
   Dual Channel, High Speed, High Current Line Driver w/3-State
EL7232CSZ-T13 INTERSIL-EL7232CSZ-T13 Datasheet
224Kb / 7P
   Dual Channel, High Speed, High Current Line Driver with 3-State
logo
Renesas Technology Corp
EL7232CSZ-T13 RENESAS-EL7232CSZ-T13 Datasheet
481Kb / 8P
   Dual Channel, High Speed, High Current Line Driver with 3-State
More results

Similar Description - EL7232CSZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7232 RENESAS-EL7232 Datasheet
481Kb / 8P
   Dual Channel, High Speed, High Current Line Driver with 3-State
logo
Intersil Corporation
EL7232CN INTERSIL-EL7232CN Datasheet
224Kb / 7P
   Dual Channel, High Speed, High Current Line Driver with 3-State
EL7232 INTERSIL-EL7232 Datasheet
113Kb / 6P
   Dual Channel, High Speed, High Current Line Driver w/3-State
logo
Elantec Semiconductor
EL7232C ELANTEC-EL7232C Datasheet
199Kb / 8P
   Dual Channel, High Speed, High Current Line Driver w/3-State
logo
Texas Instruments
SN75159 TI-SN75159 Datasheet
197Kb / 12P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER WITH 3-STATE OUTPUTS
UA9638C TI-UA9638C Datasheet
78Kb / 5P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638C TI1-UA9638C_12 Datasheet
411Kb / 12P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638C-EP TI1-UA9638C-EP Datasheet
517Kb / 10P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638C-EP TI1-UA9638C-EP_14 Datasheet
518Kb / 11P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
NXP Semiconductors
XC7WH126 PHILIPS-XC7WH126 Datasheet
91Kb / 13P
   High-speed Si-gate CMOS device, dual non-inverting buffer/line driver with 3-state output
Rev. 01-2 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com