Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7562 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL7562
Description  Monolithic 2Amp DC-DC Step-Down Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7562 Datasheet(HTML) 5 Page - Intersil Corporation

  EL7562_06 Datasheet HTML 1Page - Intersil Corporation EL7562_06 Datasheet HTML 2Page - Intersil Corporation EL7562_06 Datasheet HTML 3Page - Intersil Corporation EL7562_06 Datasheet HTML 4Page - Intersil Corporation EL7562_06 Datasheet HTML 5Page - Intersil Corporation EL7562_06 Datasheet HTML 6Page - Intersil Corporation EL7562_06 Datasheet HTML 7Page - Intersil Corporation EL7562_06 Datasheet HTML 8Page - Intersil Corporation EL7562_06 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Typical Performance Curves
Efficiency vs IO
VIN=5V
100
95
90
85
80
75
70
65
60
0.1
1
2
LOAD CURRENT IO (A)
L=Coilcraft DO3316P-
VO=2.5
VO=1.8
VO=1.5
VO=1.2
VO=3.3
Power Loss vs IO
VIN=5V
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
0.5
1
1.5
2
Load Current IO (A)
Load Regulation
VO=3.3V
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
0
0.5
1
1.5
2
LOAD CURRENT IO (A)
Efficiency vs IO
VO=3.3V
100
95
90
85
80
75
70
65
60
00.5
11.5
2
LOAD CURRENT IO (A)
Line Regulation
VO=3.3V
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
4.5
4.7
5.1
5.3
5.5
VIN (V)
VIN=4.5
VIN=5V
VIN=5.5
VIN=4.5
VIN=5V
VIN=5.5
4.9
IO=0.1A
IO=1A
IO=2A
Power Loss vs IO
VIN=5V
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
0.5
1
1.5
2
LOAD CURRENT IO (A)
VO=2.5
VO=1.8
VO=1.5
VO=1.2
VO=3.3
FS=500kH
VREF vs Temperature
1.258
1.256
1.254
1.252
1.25
1.248
1.246
1.244
1.242
010
110
TEMPERATURE (°C)
20
30
40
50
60
70
80
90 100


Similar Part No. - EL7562_06

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7562C ELANTEC-EL7562C Datasheet
241Kb / 10P
   Monolithic 2 Amp DC:DC Step-down Regulator
EL7562CU ELANTEC-EL7562CU Datasheet
241Kb / 10P
   Monolithic 2 Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7562CU INTERSIL-EL7562CU Datasheet
246Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7562CU RENESAS-EL7562CU Datasheet
470Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Intersil Corporation
EL7562CU-T13 INTERSIL-EL7562CU-T13 Datasheet
246Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
More results

Similar Description - EL7562_06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7562 RENESAS-EL7562 Datasheet
470Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Intersil Corporation
EL7562 INTERSIL-EL7562 Datasheet
246Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
EL7566 INTERSIL-EL7566_06 Datasheet
399Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
   Monolithic 4A DC/DC Step-Down Regulator
EL7566 RENESAS-EL7566 Datasheet
751Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
   Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7566 INTERSIL-EL7566 Datasheet
490Kb / 14P
   Monolithic 6 Amp DC-DC Step-Down Regulator
EL7564 INTERSIL-EL7564 Datasheet
644Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com