Electronic Components Datasheet Search |
|
SCTA.B.C.D.H101K6.3 Datasheet(PDF) 1 Page - NTE Electronics |
|
SCTA.B.C.D.H101K6.3 Datasheet(HTML) 1 Page - NTE Electronics |
|
1 / 1 page SCT (Surface Mount) SERIES SURFACE MOUNT TANTALUM 17 NTE Electronics, Inc. D Voice (800) 631–1250 (973) 748–5089 D FAX (973) 748–6224 D http://www.nteinc.com SURFACE MOUNT TANTALUM The SCT series is a molded solid tantalum chip capacitor designed to meet specifications worldwide. The SCT series includes EIA standard case sizes and ratings. These capacitors incorporate state–of–the–art construction allowing the use of modern high temperature soldering techniques. FEATURES: D Precision molded case with flat surface for vacuum pick–up D Laser marking and bold videcon – readable polarity stripe D Glue pad on underside for bonding to circuit board prior to soldering D Encapsulate material satisfies the UL 94 VO flammability classification RATINGS Capacitance Range: 0.1 µf to 150µf Tolerance: ±10% Voltage Range: 6.3V to 50V PERFORMANCE SPECIFICATIONS Operating Temperature Range: –55 °C to +85°C (–67°F to +185°F) Capacitance Tolerance (K): ±10% MECHANICAL SPECIFICATIONS Lead Solderability: Meets the requirements of MIL–STD 202, Method 208 Marking: Consists of capacitance, DC voltage, and polarity. Resistance to Board Cleaning: The use of high acidity fluxes must be avoided. The en- capsulation and termination materials are resistant to immersion in boiling solvents such as: Freon TMS and TMC, Trichloroethane, Methylene Chloride, Isopropyl alcohol (IPA), etc., up to +50 °C. If ultrasonic cleaning is to be applied in the final wash stages the application time should be less than 5 minutes with a maximum power density of 9mW/cc to avoid damage to termina- tions. ORDERING INFORMATION SCT A 10 4 K 35 Series Case Capacitance Multiplier Tolerance Voltage CAPACITANCE RANGE: (Letter denotes case size) Rated Voltage (WV) 6.3 10 16 20 25 35 50 Surge Voltage Cap ( µf) 8 13 20 26 32 46 65 0.10 A 0.47 A 1.0 A B C 1.5 A B 2.2 A A B C D 3.3 A B 4.7 A, B B C D 6.8 B C C D 10.0 B, C B, C D D 15.0 C C D D 22.0 C D D H 33.0 C D H 47.0 C D D H 68.0 D H 100.0 D H 150.0 D H SCT Series Dimensions: in (mm) Case Size L ±0.2 ( ±0.008) W1 ±0.2 ( ±0.008) W2 ±0.1 ( ±0.004) H ±0.2 ( ±0.008) tw ±0.3 ( ±0.012) A .126 (3.2) .063 (1.6) .047 (1.2) .063 (1.6) .031 (0.8) B .138 (3.5) .110 (2.8) .087 (2.2) .075 (1.9) .031 (0.8) C .236 (6.0) .126 (3.2) .087 (2.2) .102 (2.6) .051 (1.3) D .287 (7.3) .169 (4.3) .094 (2.4) .114 (2.9) .051 (1.3) H .287 (7.3) .169 (4.3) .094 (2.4) .162 (4.1) .051 (1.3) L H W2 tw tw W2 W1 (V) |
Similar Part No. - SCTA.B.C.D.H101K6.3 |
|
Similar Description - SCTA.B.C.D.H101K6.3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |