Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5171IS-T13 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL5171IS-T13
Description  250MHz Differential Twisted-Pair Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5171IS-T13 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL5171IS-T13 Datasheet HTML 3Page - Intersil Corporation EL5171IS-T13 Datasheet HTML 4Page - Intersil Corporation EL5171IS-T13 Datasheet HTML 5Page - Intersil Corporation EL5171IS-T13 Datasheet HTML 6Page - Intersil Corporation EL5171IS-T13 Datasheet HTML 7Page - Intersil Corporation EL5171IS-T13 Datasheet HTML 8Page - Intersil Corporation EL5171IS-T13 Datasheet HTML 9Page - Intersil Corporation EL5171IS-T13 Datasheet HTML 10Page - Intersil Corporation EL5171IS-T13 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
FN7307.6
October 30, 2006
FIGURE 13. HARMONIC DISTORTION vs DIFFERENTIAL
OUTPUT VOLTAGE
FIGURE 14. HARMONIC DISTORTION vs DIFFERENTIAL
OUTPUT VOLTAGE
FIGURE 15. HARMONIC DISTORTION vs RLD
FIGURE 16. HARMONIC DISTORTION vs RLD
FIGURE 17. HARMONIC DISTORTION vs FREQUENCY
FIGURE 18. SMALL SIGNAL TRANSIENT RESPONSE
Typical Performance Curves (Continued)
VOP-P, DM (V)
-100
-90
-80
-70
-60
-55
-50
1
1.5
2
2.5
3
3.5
4
4.5
5
HD2
(f = 5
MHz
)
-65
-75
-85
-95
HD3 (f = 20MHz)
HD3 (f = 5MHz)
VS = ±5V, AV = 1, RLD = 1kΩ
HD2 (f
= 20MH
z)
VOP-P, DM (V)
-90
-80
-70
-60
-55
-50
1
2
34
56
78
9
-65
-75
-85
-95
10
HD2 (f = 5M
Hz)
HD2 (f = 20MHz)
HD3 (f = 20MHz)
HD3 (f = 5MHz)
VS = ±5V, AV = 1, RLD = 1kΩ
-50
-60
-65
-75
-90
200
600
RLD (Ω)
100
800
400
900
-100
300
500
700
-95
-85
-80
-70
-55
HD2
(f = 2
0MH
z)
HD2 (f =
5MHz)
HD
3 (f
= 2
0M
Hz)
HD
3 (f
= 5
MH
z)
1000
VS = ±5V, AV = 1, VOP-P, DM = 1V
-40
-50
-60
-70
-90
-80
300
700
RLD (Ω)
200
900
500
1000
-100
400
600
800
HD2 (f = 5MHz)
HD2 (f = 20MH
z)
HD3 (f = 5MHz)
HD3 (f = 20MHz)
VS = ±5V, AV = 2, VOP-P, DM = 2V
-90
-70
-60
-50
-40
20
30
40
50
60
FREQUENCY (MHz)
10
0
-80
HD2 (
AV =
1)
HD2 (AV
= 2)
-100
HD3 (AV = 1)
HD
3 (
AV
= 2
)
VS = ±5V, RLD = 1kΩ, VOP-P, DM = 1V for AV = 1,
VOP-P, DM = 2V for AV = 2
10ns/DIV
50mV/DIV
EL5171, EL5371


Similar Part No. - EL5171IS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5171IS INTERSIL-EL5171IS Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5171ISZ INTERSIL-EL5171ISZ Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171ISZ RENESAS-EL5171ISZ Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5171IS-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5176 INTERSIL-EL5176 Datasheet
360Kb / 11P
   250MHz Differential Twisted-Pair Driver
logo
Renesas Technology Corp
EL5176 RENESAS-EL5176 Datasheet
634Kb / 12P
   250MHz Differential Twisted-Pair Driver
logo
Intersil Corporation
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com