Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4501IU Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL4501IU
Description  Video Front End
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4501IU Datasheet(HTML) 4 Page - Intersil Corporation

  EL4501IU Datasheet HTML 1Page - Intersil Corporation EL4501IU Datasheet HTML 2Page - Intersil Corporation EL4501IU Datasheet HTML 3Page - Intersil Corporation EL4501IU Datasheet HTML 4Page - Intersil Corporation EL4501IU Datasheet HTML 5Page - Intersil Corporation EL4501IU Datasheet HTML 6Page - Intersil Corporation EL4501IU Datasheet HTML 7Page - Intersil Corporation EL4501IU Datasheet HTML 8Page - Intersil Corporation EL4501IU Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
fH
Horiz Scan Rate
15
130
kHz
VLOSE
Analog LOS Enable Threshold
Minimum sync amplitude to enable outputs
120
mV
VLOSD
Analog LOS Disable Threshold
Maximum sync amplitude to disable outputs
80
mV
tJIT
Output Jitter
All sync separator outputs
5
ns
ASA
SYNC AMP Gain
1.7
2.0
2.3
RSA
SYNC AMP Output Impedance
200
Ω
VRFREQ
RFREQ Reference Voltage
RFREQ = 13kΩ to 130kΩ
1.15
1.28
1.4
V
NOTES:
1. RL is Total Load Resistance due to Feedback Resistor and Load Resistor.
2. AC signal amplitude = 286mVPP, F = 3.58MHz, REF IN is swept from 0.8V to 3.4V, RL is DC coupled.
Electrical Specifications
VS = VSD = 5V, GND = 0V, TA = 25°C, Input Video = 1VP-P, RFREQ = 130kΩ (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves
FIGURE 1. NON-INVERTING FREQUENCY RESPONSE (GAIN)
FIGURE 2. NON-INVERTING FREQUENCY RESPONSE
(PHASE)
FIGURE 3. FREQUENCY RESPONSE FOR VARIOUS RL
FIGURE 4. FREQUENCY RESPONSE FOR VARIOUS CL
4
2
0
-2
-4
-6
100K
1M
10M
100M
FREQUENCY (Hz)
VREF_IN=1.3V
RL=150Ω
AV=1
RF=0Ω
AV=5
RF=1kΩ
AV=2
RF=1kΩ
45
0
-45
-90
-135
-180
100K
1M
10M
100M
FREQUENCY (Hz)
VREF_IN=1.3V
RL=150Ω
AV=1
RF=0Ω
AV=5
RF=1kΩ
AV=2
RF=1kΩ
RL=10kΩ
4
2
0
-2
-4
-6
100K
1M
10M
100M
FREQUENCY (Hz)
VREF_IN=1.3V
RF=0Ω
AV=1
RL=150Ω
RL=1kΩ
8
4
0
-4
-8
-12
100K
1M
10M
100M
FREQUENCY (Hz)
CL=39pF
CL=15pF
CL=0pF
VREF_IN=1.3V
RF=150Ω
AV=1
EL4501


Similar Part No. - EL4501IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4501IU INTERSIL-EL4501IU Datasheet
477Kb / 19P
   Video Front End
EL4501IU INTERSIL-EL4501IU Datasheet
469Kb / 19P
   Video Front End (VFE)
logo
Renesas Technology Corp
EL4501IU RENESAS-EL4501IU Datasheet
924Kb / 20P
   Video Front End
logo
Intersil Corporation
EL4501IU-T13 INTERSIL-EL4501IU-T13 Datasheet
477Kb / 19P
   Video Front End
EL4501IU-T13 INTERSIL-EL4501IU-T13 Datasheet
469Kb / 19P
   Video Front End (VFE)
More results

Similar Description - EL4501IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
   Video Front End
logo
Elantec Semiconductor
EL4501C ELANTEC-EL4501C Datasheet
183Kb / 10P
   Video Front End
logo
Renesas Technology Corp
EL4501 RENESAS-EL4501 Datasheet
924Kb / 20P
   Video Front End
logo
Intersil Corporation
EL4501 INTERSIL-EL4501_10 Datasheet
469Kb / 19P
   Video Front End (VFE)
logo
Faraday Technology
ADC-100 FARADAY-ADC-100 Datasheet
187Kb / 5P
   VIDEO FRONT-END MODULES
logo
NXP Semiconductors
PNX3000 PHILIPS-PNX3000 Datasheet
285Kb / 51P
   Analog front end for digital video processors
2004 Oct 04
logo
Elantec Semiconductor
EL4101C ELANTEC-EL4101C Datasheet
61Kb / 6P
   500MHz Video Front End - 4:1MUX DC-Restore
logo
National Semiconductor ...
ADCS9888 NSC-ADCS9888 Datasheet
764Kb / 34P
   205/170/140 MSPS Video Analog Front End
ADCS9888 NSC-ADCS9888_05 Datasheet
1Mb / 34P
   205/170/140 MSPS Video Analog Front End
logo
Elantec Semiconductor
EL4102C ELANTEC-EL4102C Datasheet
272Kb / 9P
   500MHz Video Front End: 4-1 MUX, VGA & DC-Restore
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com