Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4501IU-T13 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL4501IU-T13
Description  Video Front End
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4501IU-T13 Datasheet(HTML) 3 Page - Intersil Corporation

  EL4501IU-T13 Datasheet HTML 1Page - Intersil Corporation EL4501IU-T13 Datasheet HTML 2Page - Intersil Corporation EL4501IU-T13 Datasheet HTML 3Page - Intersil Corporation EL4501IU-T13 Datasheet HTML 4Page - Intersil Corporation EL4501IU-T13 Datasheet HTML 5Page - Intersil Corporation EL4501IU-T13 Datasheet HTML 6Page - Intersil Corporation EL4501IU-T13 Datasheet HTML 7Page - Intersil Corporation EL4501IU-T13 Datasheet HTML 8Page - Intersil Corporation EL4501IU-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
VREF
Reference Output Voltage (REF OUT)
IOUT = +2mA to -0.5mA
1.15
1.3
1.4
V
IRMAX
Available Restore Current (VFB)
18.5
µA
DATA SLICER SECTION
IIH
Input High Current (DS MODE & DS ENABLE) VIH = 5V
6
10
µA
IIL
Input Low Current (DS MODE & DS ENABLE) VIL = 0V
200
350
nA
VIH
Input High Voltage (DS MODE & DS ENABLE)
4.5
V
VIL
Input Low Voltage (DS MODE & DS ENABLE)
0.5
V
VOH
Output High Voltage (DS OUT)
IOUT = -1mA
4.75
4.9
V
VOL
Output Low Voltage (DS OUT)
IOUT = +1mA
0.1
0.25
V
IOUT
Short Circuit Current (DS OUT)
RL = 10Ω to 2.5V
8
11
mA
IB
Input Bias Current (DS REF)
DS REF = 0V to 5V
-10
0.001
10
µA
VOS
Input Offset Voltage
-20
+20
mV
VHYS
Hysteresis
±5
mV
tPD
Propagation Delay
50% to 50%
18
ns
tR/F
Rise/Fall Time
10% to 90%, RL = 150kΩ, CL = 5pF
1.2
ns
SYNC SEPARATOR SECTION
ZSOURCE (MAX) Maximimum source impedance driving
SYNC IN
1000
Ω
IIH
Input High Current (FSEL & SYNC MODE)
VIH = 5V
-1
1
µA
IIL
Input Low Current (FSEL & SYNC MODE)
VIL = 0V
-1
1
µA
VIH
Input High Voltage (FSEL & SYNC MODE)
4.5
V
VIL
Input Low Voltage (FSEL & SYNC MODE)
0.5
V
VOH
Output High Voltage
IOH = -1.6mA
4.6
V
VOL
Output Low Voltage
IOL = +1.6mA
0.4
V
VTHRSHA
Adaptive Slice Level
SYNC MODE = 0V
40
50
60
%
VTHRSHF
Fixed Slice Threshold
SLICE MODE = VS
80
100
120
mV
VSI
SYNC IN Reference Voltage
1.8
V
RINSI
SYNC IN Input Impedance
115
k
Ω
VRANGE
Input Dynamic Range
0.5
2.0
VP-P
tCD
COMPOSITE Delay
FSEL = 0, from 50% of sync leading edge
25
35
45
ns
tCDF
COMPOSITE Delay
FSEL = 1, from 50% of sync leading edge
150
225
280
ns
tBD
BACK PORCH Delay
FSEL = 0, from 50% of trailing sync edge
125
170
225
ns
tBDF
BACK PORCH Delay
FSEL = 1, from 50% of trailing sync edge
250
420
550
ns
tHD
HORIZONTAL Delay
FSEL = 0/1, from 50% of sync leading edge
365
470
585
ns
tBW
BACK PORCH Width
FSEL = 0/1
2.8
3.2
4.1
µs
tHW
HORIZONTAL Width
FSEL = 0
1.1
1.3
1.5
µs
tHWF
HORIZONTAL Width
FSEL = 1
1.2
1.5
1.8
µs
tVW
VERTICAL Width
FSEL = 0/1, standard NTSC
196
198
200
µs
tVDD
VERTICAL Default Delay
FSEL = 0
26.5
31.2
35.9
µs
tVDDF
VERTICAL Default Delay
FSEL = 1
31.5
µs
Electrical Specifications
VS = VSD = 5V, GND = 0V, TA = 25°C, Input Video = 1VP-P, RFREQ = 130kΩ (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
EL4501


Similar Part No. - EL4501IU-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4501IU-T13 INTERSIL-EL4501IU-T13 Datasheet
477Kb / 19P
   Video Front End
EL4501IU-T13 INTERSIL-EL4501IU-T13 Datasheet
469Kb / 19P
   Video Front End (VFE)
logo
Renesas Technology Corp
EL4501IU-T13 RENESAS-EL4501IU-T13 Datasheet
924Kb / 20P
   Video Front End
More results

Similar Description - EL4501IU-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
   Video Front End
logo
Elantec Semiconductor
EL4501C ELANTEC-EL4501C Datasheet
183Kb / 10P
   Video Front End
logo
Renesas Technology Corp
EL4501 RENESAS-EL4501 Datasheet
924Kb / 20P
   Video Front End
logo
Intersil Corporation
EL4501 INTERSIL-EL4501_10 Datasheet
469Kb / 19P
   Video Front End (VFE)
logo
Faraday Technology
ADC-100 FARADAY-ADC-100 Datasheet
187Kb / 5P
   VIDEO FRONT-END MODULES
logo
NXP Semiconductors
PNX3000 PHILIPS-PNX3000 Datasheet
285Kb / 51P
   Analog front end for digital video processors
2004 Oct 04
logo
Elantec Semiconductor
EL4101C ELANTEC-EL4101C Datasheet
61Kb / 6P
   500MHz Video Front End - 4:1MUX DC-Restore
logo
National Semiconductor ...
ADCS9888 NSC-ADCS9888 Datasheet
764Kb / 34P
   205/170/140 MSPS Video Analog Front End
ADCS9888 NSC-ADCS9888_05 Datasheet
1Mb / 34P
   205/170/140 MSPS Video Analog Front End
logo
Elantec Semiconductor
EL4102C ELANTEC-EL4102C Datasheet
272Kb / 9P
   500MHz Video Front End: 4-1 MUX, VGA & DC-Restore
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com