Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL1516IYZ-T13 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL1516IYZ-T13
Description  Dual Ultra Low Noise Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1516IYZ-T13 Datasheet(HTML) 2 Page - Intersil Corporation

  EL1516IYZ-T13 Datasheet HTML 1Page - Intersil Corporation EL1516IYZ-T13 Datasheet HTML 2Page - Intersil Corporation EL1516IYZ-T13 Datasheet HTML 3Page - Intersil Corporation EL1516IYZ-T13 Datasheet HTML 4Page - Intersil Corporation EL1516IYZ-T13 Datasheet HTML 5Page - Intersil Corporation EL1516IYZ-T13 Datasheet HTML 6Page - Intersil Corporation EL1516IYZ-T13 Datasheet HTML 7Page - Intersil Corporation EL1516IYZ-T13 Datasheet HTML 8Page - Intersil Corporation EL1516IYZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
FN7328.1
October 19, 2006
Ordering Information
PART NUMBER
PART MARKING
TAPE & REEL
PACKAGE
PKG. DWG. #
EL1516IY
BBDAA
-
8 Ld MSOP
MDP0043
EL1516IY-T13
BBDAA
13”
8 Ld MSOP
MDP0043
EL1516IY-T7
BBDAA
7”
8 Ld MSOP
MDP0043
EL1516IYZ (See Note)
BBEAA
-
8 Ld MSOP (Pb-free)
MDP0043
EL1516IYZ-T13 (See Note)
BBEAA
13”
8 Ld MSOP (Pb-free)
MDP0043
EL1516IYZ-T7 (See Note)
BBEAA
7”
8 Ld MSOP (Pb-free)
MDP0043
EL1516IS
1516IS
-
8 Ld SOIC
MDP0027
EL1516IS-T13
1516IS
13”
8 Ld SOIC
MDP0027
EL1516IS-T7
1516IS
7”
8 Ld SOIC
MDP0027
EL1516ISZ (See Note)
1516ISZ
-
8 Ld SOIC (Pb-free)
MDP0027
EL1516ISZ-T13 (See Note)
1516ISZ
13”
8 Ld SOIC (Pb-free)
MDP0027
EL1516ISZ-T7 (See Note)
1516ISZ
7”
8 Ld SOIC (Pb-free)
MDP0027
EL1516AIY
BAAHA
-
10 Ld MSOP
MDP0043
EL1516AIY-T13
BAAHA
13”
10 Ld MSOP
MDP0043
EL1516AIY-T7
BAAHA
7”
10 Ld MSOP
MDP0043
EL1516AIYZ (See Note)
BAAAY
-
10 Ld MSOP (Pb-free)
MDP0043
EL1516AIYZ-T13 (See Note)
BAAAY
13”
10 Ld MSOP (Pb-free)
MDP0043
EL1516AIYZ-T7 (See Note)
BAAAY
7”
10 Ld MSOP (Pb-free)
MDP0043
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
EL1516, EL1516A


Similar Part No. - EL1516IYZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1516IYZ-T13 INTERSIL-EL1516IYZ-T13 Datasheet
596Kb / 16P
   Dual Ultra Low Noise Amplifier
EL1516IYZ-T13 INTERSIL-EL1516IYZ-T13 Datasheet
361Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
Renesas Technology Corp
EL1516IYZ-T13 RENESAS-EL1516IYZ-T13 Datasheet
972Kb / 17P
   Dual Ultra Low Noise Amplifier
More results

Similar Description - EL1516IYZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1516 INTERSIL-EL1516_07 Datasheet
361Kb / 17P
   Dual Ultra Low Noise Amplifier
EL1516 INTERSIL-EL1516 Datasheet
596Kb / 16P
   Dual Ultra Low Noise Amplifier
logo
Renesas Technology Corp
EL1516 RENESAS-EL1516 Datasheet
972Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
New Japan Radio
NJM2122 NJRC-NJM2122 Datasheet
271Kb / 6P
   ULTRA LOW NOISE DUAL OPERATIONAL AMPLIFIER
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
   DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
Exar Corporation
CLC1002 EXAR-CLC1002 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Cadeka Microcircuits LL...
CLC1002 CADEKA-CLC1002 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Exar Corporation
CLC1001 EXAR-CLC1001 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Cadeka Microcircuits LL...
CLC1001 CADEKA-CLC1001 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
National Semiconductor ...
LMH6624 NSC-LMH6624_05 Datasheet
1Mb / 19P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com