Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5306 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5306
Description  350MHz Fixed Gain Amplifiers with Enable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5306 Datasheet(HTML) 5 Page - Intersil Corporation

  EL5306 Datasheet HTML 1Page - Intersil Corporation EL5306 Datasheet HTML 2Page - Intersil Corporation EL5306 Datasheet HTML 3Page - Intersil Corporation EL5306 Datasheet HTML 4Page - Intersil Corporation EL5306 Datasheet HTML 5Page - Intersil Corporation EL5306 Datasheet HTML 6Page - Intersil Corporation EL5306 Datasheet HTML 7Page - Intersil Corporation EL5306 Datasheet HTML 8Page - Intersil Corporation EL5306 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Typical Performance Curves
FIGURE 1. FREQUENCY RESPONSE
FIGURE 2. FREQUENCY RESPONSE FOR VARIOUS CL
FIGURE 3. GROUP DELAY vs FREQUENCY
FIGURE 4. BANDWIDTH vs SUPPLY VOLTAGE
FIGURE 5. PEAKING vs SUPPLY VOLTAGE
FIGURE 6. POWER SUPPLY REJECTION RATIO vs
FREQUENCY
100K
FREQUENCY (Hz)
1M
10M
1G
1
-1
-3
-5
3
5
100M
AV = -1
AV = 1
AV = 2
VS=±5V
RL=150Ω
100K
FREQUENCY (Hz)
1M
10M
1G
7
5
3
1
9
11
100M
CL = 10pF
CL = 6.8pF
CL = 2.2pF
CL = 0pF
AV=+2
VS=±5V
RL=150Ω
1
FREQUENCY (Hz)
10
100
1K
0.8
0.4
0
1.2
1.6
AV = 1, 2
AV = -1
RL = 150Ω
4.5
FREQUENCY (Hz)
55.5
11
250
150
350
450
6
7
7.588.5
99.5 10 10.5
6.5
AV = -1
AV = 2
AV = 1
RL = 150Ω
4.5
VS (V)
55.5
11
0.2
0
0.4
0.6
0.8
1
6
7
7.588.5
99.5 10 10.5
6.5
AV = 1
AV = 2
RL = 150Ω
AV = -1
1K
FREQUENCY (Hz)
10K
100M
-80
-60
-40
-20
0
100K
1M
10M
PSRR+
-10
-30
-50
-70
PSRR-
EL5106, EL5306


Similar Part No. - EL5306

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5306 INTERSIL-EL5306 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
EL5306 INTERSIL-EL5306 Datasheet
292Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
EL5306 INTERSIL-EL5306 Datasheet
457Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5306 RENESAS-EL5306 Datasheet
717Kb / 14P
   350MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5306IS INTERSIL-EL5306IS Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
More results

Similar Description - EL5306

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5106 INTERSIL-EL5106 Datasheet
457Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
EL5306 INTERSIL-EL5306 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
5962-0625501QXC INTERSIL-5962-0625501QXC Datasheet
111Kb / 4P
   350MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106_07 Datasheet
292Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5106 RENESAS-EL5106 Datasheet
717Kb / 14P
   350MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5108 INTERSIL-EL5108_07 Datasheet
306Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
EL5108 INTERSIL-EL5108_06 Datasheet
337Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5108 RENESAS-EL5108 Datasheet
682Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5108 INTERSIL-EL5108 Datasheet
492Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
logo
National Semiconductor ...
LMV101 NSC-LMV101 Datasheet
769Kb / 12P
   Fixed-Gain Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com