Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5101IC-T7 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5101IC-T7
Description  200MHz Slew Enhanced VFA
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5101IC-T7 Datasheet(HTML) 5 Page - Intersil Corporation

  EL5101IC-T7 Datasheet HTML 1Page - Intersil Corporation EL5101IC-T7 Datasheet HTML 2Page - Intersil Corporation EL5101IC-T7 Datasheet HTML 3Page - Intersil Corporation EL5101IC-T7 Datasheet HTML 4Page - Intersil Corporation EL5101IC-T7 Datasheet HTML 5Page - Intersil Corporation EL5101IC-T7 Datasheet HTML 6Page - Intersil Corporation EL5101IC-T7 Datasheet HTML 7Page - Intersil Corporation EL5101IC-T7 Datasheet HTML 8Page - Intersil Corporation EL5101IC-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
FN7330.2
FIGURE 5. GAIN vs FREQUENCY FOR VARIOUS CIN (-)
FIGURE 6. GAIN vs FREQUENCY FOR VARIOUS RL
FIGURE 7. GAIN vs FREQUENCY FOR VARIOUS RL
FIGURE 8. GAIN vs FREQUENCY FOR VARIOUS RL
FIGURE 9. GAIN vs FREQUENCY FOR VARIOUS RL
FIGURE 10. EQUIVALENT INPUT VOLTAGE NOISE vs
FREQUENCY
Typical Performance Curves (Continued)
4
2
0
-2
-4
5
3
1
-1
-3
100K
1M
10M
FREQUENCY (Hz)
100M
-5
AV=+5
RF=383Ω
CL=2.2pF
RL=150Ω
13.4pF
7.8pF
2.2pF
5
3
1
-1
-3
-5
100K
1M
100M
1G
FREQUENCY (Hz)
10M
4
2
0
-2
-4
AV=+1
RL=500Ω
CL=2.5pF
CIN-=0pF
SUPPLY=±5.0V
50
500
200
100
20
4
2
0
-2
-4
5
3
1
-1
-3
100K
1M
10M
FREQUENCY (Hz)
100M
-5
AV=+5
RF=383Ω
CL=2.2pF
RL=150Ω
150
750
2.0
1.5
4
2
0
-2
-4
5
3
1
-1
-3
100K
1M
10M
600M
FREQUENCY (Hz)
100M
AV=+1
CL=2.2pF
-5
1500
200
500
1000
400
4
2
0
-2
-4
5
3
1
-1
-3
100K
1M
10M
600M
FREQUENCY (Hz)
100M
AV=+2
RF=RG=383Ω
CL=2.2pF
RL=150Ω
383
715
1.5k
-5
150
100
1
10
100
10K
100K
FREQUENCY (Hz)
1K
10
VS=±5V
EL5100, EL5101, EL5300


Similar Part No. - EL5101IC-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5101IC-T7 INTERSIL-EL5101IC-T7 Datasheet
333Kb / 11P
   200MHz Slew Enhanced VFA
EL5101IC-T7A INTERSIL-EL5101IC-T7A Datasheet
333Kb / 11P
   200MHz Slew Enhanced VFA
More results

Similar Description - EL5101IC-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5100 INTERSIL-EL5100_07 Datasheet
346Kb / 15P
   200MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5100 RENESAS-EL5100 Datasheet
750Kb / 15P
   200MHz Slew Enhanced VFA
logo
Intersil Corporation
EL5100 INTERSIL-EL5100 Datasheet
333Kb / 11P
   200MHz Slew Enhanced VFA
EL5104 INTERSIL-EL5104 Datasheet
2Mb / 17P
   700MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5103 INTERSIL-EL5103 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com