Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5308 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5308
Description  450MHz Fixed Gain Amplifiers with Enable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5308 Datasheet(HTML) 3 Page - Intersil Corporation

  EL5308 Datasheet HTML 1Page - Intersil Corporation EL5308 Datasheet HTML 2Page - Intersil Corporation EL5308 Datasheet HTML 3Page - Intersil Corporation EL5308 Datasheet HTML 4Page - Intersil Corporation EL5308 Datasheet HTML 5Page - Intersil Corporation EL5308 Datasheet HTML 6Page - Intersil Corporation EL5308 Datasheet HTML 7Page - Intersil Corporation EL5308 Datasheet HTML 8Page - Intersil Corporation EL5308 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
FN7358.5
June 15, 2006
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage between VS+ and VS- . . . . . . . . . . . . . . . . . . . 13.2V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 50mA
Maximum Slewrate from VS+ to VS- . . . . . . . . . . . . . . . . . . . . 1V/µs
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 125°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Pin Voltages. . . . . . . . . . . . . . . . . . . . . . . . . VS- -0.5V to VS+ +0.5V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS+ = +5V, VS- = -5V, RL = 150Ω, TA = 25°C unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
BW
-3dB Bandwidth
AV = +1
440
MHz
AV = -1
445
MHz
AV = +2
450
MHz
BW1
0.1dB Bandwidth
AV = +2
40
MHz
SR
Slew Rate
VO = -2.5V to +2.5V, AV = +2
3500
4500
V/µs
tS
0.1% Settling Time
VOUT = -2.5V to +2.5V, AV = +2
10
ns
eN
Input Voltage Noise
2nV/
√Hz
iN
Input Current Noise
f = 2kHz
12
pA/
√Hz
dG
Differential Gain Error (Note 1)
AV = +2
0.01
%
dP
Differential Phase Error (Note 1)
AV = +2
0.01
°
DC PERFORMANCE
VOS
Offset Voltage
-8
+3
+8
mV
TCVOS
Input Offset Voltage Temperature
Coefficient
Measured from TMIN to TMAX
5µV/°C
AE
Gain Error
VO = -3V to +3V, RL = 150Ω
0.7
2.5
%
RF, RG
Internal RF and RG
325
INPUT CHARACTERISTICS
CMIR
Common Mode Input Range
±3
±3.3
V
+IIN
+ Input Current
28
µA
RIN
Input Resistance
at IN+0.7
M
CIN
Input Capacitance
1pF
OUTPUT CHARACTERISTICS
VO
Output Voltage Swing
RL = 150Ω to GND
±3.6
±3.8
V
RL = 1kΩ to GND
±3.8
±4.0
V
IOUT
Output Current
RL = 10Ω to GND
100
135
mA
SUPPLY
ISON
Supply Current - Enabled (per amplifier)
No load, VIN = 0V
3.18
3.7
4.35
mA
ISOFF
Supply Current - Disabled (per amplifier)
No load, VIN = 0V
9
25
µA
PSRR
Power Supply Rejection Ratio
DC, VS = ±4.75V to ±5.25V
75
dB
EL5108, EL5308


Similar Part No. - EL5308

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5308 INTERSIL-EL5308 Datasheet
306Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5308 RENESAS-EL5308 Datasheet
682Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5308IS INTERSIL-EL5308IS Datasheet
306Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
EL5308IS INTERSIL-EL5308IS Datasheet
492Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
EL5308IS-T13 INTERSIL-EL5308IS-T13 Datasheet
306Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
More results

Similar Description - EL5308

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5108 INTERSIL-EL5108_07 Datasheet
306Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5108 RENESAS-EL5108 Datasheet
682Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5108 INTERSIL-EL5108 Datasheet
492Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106 Datasheet
457Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5106 RENESAS-EL5106 Datasheet
717Kb / 14P
   350MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5306 INTERSIL-EL5306 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
5962-0625501QXC INTERSIL-5962-0625501QXC Datasheet
111Kb / 4P
   350MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106_07 Datasheet
292Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106_05 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
logo
National Semiconductor ...
LMV101 NSC-LMV101 Datasheet
769Kb / 12P
   Fixed-Gain Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com