Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5101IW-T7 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5101IW-T7
Description  200MHz Slew Enhanced VFA
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5101IW-T7 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL5101IW-T7 Datasheet HTML 4Page - Intersil Corporation EL5101IW-T7 Datasheet HTML 5Page - Intersil Corporation EL5101IW-T7 Datasheet HTML 6Page - Intersil Corporation EL5101IW-T7 Datasheet HTML 7Page - Intersil Corporation EL5101IW-T7 Datasheet HTML 8Page - Intersil Corporation EL5101IW-T7 Datasheet HTML 9Page - Intersil Corporation EL5101IW-T7 Datasheet HTML 10Page - Intersil Corporation EL5101IW-T7 Datasheet HTML 11Page - Intersil Corporation EL5101IW-T7 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
FN7330.2
FIGURE 23. GAIN vs FREQUENCY FOR VARIOUS CL
FIGURE 24. GAIN vs FREQUENCY FOR VARIOUS CL
FIGURE 25. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 26. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
4
2
0
-2
-4
5
3
1
-1
-3
100K
1M
10M
FREQUENCY (Hz)
100M
-5
AV=+5
RF=383Ω
RL=150Ω
72pF
50pF
38pF
2.2pF
20pF
4
2
0
-2
-4
5
3
1
-1
-3
100K
1M
10M
FREQUENCY (Hz)
100M
-5
AV=+2
RF=383Ω
RL=150Ω
CIN=0pF
50pF
44pF
38pF
26pF
7.8pF
2.2pF
1.8
0.8
0
1.6
0.4
1.2
0.2
0.6
1.4
1
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0
AMBIENT TEMPERATURE (°C)
25
125
150
75
100
50
85
543mW
1.136W
SO8
θ
JA =1
10°C
/W
SOT23-5
/6
θJA=23
0°C/W
1.116W
θJA=112°C/W
QSOP16
0
1.2
0.6
0
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0
AMBIENT TEMPERATURE (°C)
25
125
150
75
1
0.4
0.8
0.2
100
50
85
488mW
781mW
SOT23
-5/6
θJA=2
56°C/W
791mW
θ
JA =15
8°C
/W
QSO
P16
SO8
θJA=160°C/W
EL5100, EL5101, EL5300


Similar Part No. - EL5101IW-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5101IW-T7 INTERSIL-EL5101IW-T7 Datasheet
333Kb / 11P
   200MHz Slew Enhanced VFA
EL5101IW-T7 INTERSIL-EL5101IW-T7 Datasheet
346Kb / 15P
   200MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5101IW-T7 RENESAS-EL5101IW-T7 Datasheet
750Kb / 15P
   200MHz Slew Enhanced VFA
logo
Intersil Corporation
EL5101IW-T7A INTERSIL-EL5101IW-T7A Datasheet
333Kb / 11P
   200MHz Slew Enhanced VFA
EL5101IW-T7A INTERSIL-EL5101IW-T7A Datasheet
346Kb / 15P
   200MHz Slew Enhanced VFA
More results

Similar Description - EL5101IW-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5100 INTERSIL-EL5100_07 Datasheet
346Kb / 15P
   200MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5100 RENESAS-EL5100 Datasheet
750Kb / 15P
   200MHz Slew Enhanced VFA
logo
Intersil Corporation
EL5100 INTERSIL-EL5100 Datasheet
333Kb / 11P
   200MHz Slew Enhanced VFA
EL5104 INTERSIL-EL5104 Datasheet
2Mb / 17P
   700MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5103 INTERSIL-EL5103 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com