Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5108IS Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL5108IS
Description  450MHz Fixed Gain Amplifiers with Enable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5108IS Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL5108IS Datasheet HTML 3Page - Intersil Corporation EL5108IS Datasheet HTML 4Page - Intersil Corporation EL5108IS Datasheet HTML 5Page - Intersil Corporation EL5108IS Datasheet HTML 6Page - Intersil Corporation EL5108IS Datasheet HTML 7Page - Intersil Corporation EL5108IS Datasheet HTML 8Page - Intersil Corporation EL5108IS Datasheet HTML 9Page - Intersil Corporation EL5108IS Datasheet HTML 10Page - Intersil Corporation EL5108IS Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
FN7358.5
June 15, 2006
FIGURE 13. DISTORTION vs FREQUENCY
FIGURE 14. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 15. LARGE SIGNAL RESPONSE
FIGURE 16. SMALL SIGNAL RESPONSE
FIGURE 17. DISABLED RESPONSE
FIGURE 18. ENABLED RESPONSE
Typical Performance Curves (Continued)
0
FREQUENCY (MHz)
10
60
-80
-90
-70
-60
-50
-40
30
40
50
20
HD2
HD3
VS=±5V
AV=2
RL=150Ω
VO=2VP-P
4.5
VS (V)
55.5
11
2.9
2.7
2.5
3.3
3.5
3.7
3.9
6
7 7.5 8 8.5 9 9.5 10 10.5
6.5
IS+, IS-
3.1
10ns/DIV
1V/DIV
VO=±2V
10ns/DIV
100mV/DIV
VO=±200mV
CH1 2.00V/DIV
CH2 1.00V/DIV
M=100ns
CH1 2.00V/DIV
CH2 1.00V/DIV
M=100ns
EL5108, EL5308


Similar Part No. - EL5108IS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5108IS INTERSIL-EL5108IS Datasheet
306Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
EL5108IS INTERSIL-EL5108IS Datasheet
492Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5108IS RENESAS-EL5108IS Datasheet
682Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5108IS-T13 INTERSIL-EL5108IS-T13 Datasheet
306Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
EL5108IS-T13 INTERSIL-EL5108IS-T13 Datasheet
492Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
More results

Similar Description - EL5108IS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5108 INTERSIL-EL5108_07 Datasheet
306Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5108 RENESAS-EL5108 Datasheet
682Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5108 INTERSIL-EL5108 Datasheet
492Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106 Datasheet
457Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5106 RENESAS-EL5106 Datasheet
717Kb / 14P
   350MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5306 INTERSIL-EL5306 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
5962-0625501QXC INTERSIL-5962-0625501QXC Datasheet
111Kb / 4P
   350MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106_07 Datasheet
292Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106_05 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
logo
National Semiconductor ...
LMV101 NSC-LMV101 Datasheet
769Kb / 12P
   Fixed-Gain Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com