Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5130 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5130
Description  300MHz Low Noise Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5130 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL5130_06 Datasheet HTML 2Page - Intersil Corporation EL5130_06 Datasheet HTML 3Page - Intersil Corporation EL5130_06 Datasheet HTML 4Page - Intersil Corporation EL5130_06 Datasheet HTML 5Page - Intersil Corporation EL5130_06 Datasheet HTML 6Page - Intersil Corporation EL5130_06 Datasheet HTML 7Page - Intersil Corporation EL5130_06 Datasheet HTML 8Page - Intersil Corporation EL5130_06 Datasheet HTML 9Page - Intersil Corporation EL5130_06 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN7381.3
June 6, 2006
FIGURE 19. PSRR vs FREQUENCY
FIGURE 20. CMRR vs FREQUENCY
FIGURE 21. GROUP DELAY vs FREQUENCY
FIGURE 22. INPUT VOLTAGE NOISE
FIGURE 23. INPUT CURRENT NOISE
FIGURE 24. HARMONIC DISTORITON vs FREQUENCY (AV=+5)
Typical Performance Curves
1k
10k
100k
1M
10M
100M 500M
10
-10
-30
-50
-70
-90
FREQUENCY (Hz)
AV=+10
VS=±5V
VS+
VS+
VS-
VS-
0.01
0.1
10
1k
-10
-30
-50
-70
-90
-110
FREQUENCY (MHz)
VS=±5V
AV=+5
RL=150Ω
1
100
110
1k
5
4
3
2
1
0
FREQUENCY (MHz)
100
10
100
100k
10
1
FREQUENCY (Hz)
1k
10k
10
10
100
100k
10
1
FREQUENCY (Hz)
1k
10k
0.5
1
20
-30
-40
-50
-60
-70
-80
FUNDAMENTAL FREQUENCY (MHz)
10
VS=±5V
AV=+5
RG=50Ω
RL=500Ω
CL=5pF
VOUT=2VP-P
THD
2ND HD
3RD HD
EL5130, EL5131


Similar Part No. - EL5130_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5130 INTERSIL-EL5130_07 Datasheet
320Kb / 12P
   300MHz Low Noise Amplifiers
More results

Similar Description - EL5130_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5130 INTERSIL-EL5130_07 Datasheet
320Kb / 12P
   300MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5130 RENESAS-EL5130 Datasheet
674Kb / 12P
   300MHz Low Noise Amplifiers
logo
Maxim Integrated Produc...
MAX2640 MAXIM-MAX2640_07 Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640AUT MAXIM-MAX2640AUT Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
logo
Intersil Corporation
EL5153 INTERSIL-EL5153 Datasheet
357Kb / 14P
   300MHz Amplifiers
logo
Zarlink Semiconductor I...
SL560 ZARLINK-SL560 Datasheet
105Kb / 8P
   300MHz LOW NOISE AMPLIFIER
logo
Linear Technology
LT6402-6 LINER-LT6402-6_15 Datasheet
238Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier
LT6402-12 LINER-LT6402-12_15 Datasheet
240Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier
LT6402-20 LINER-LT6402-20_15 Datasheet
335Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier
logo
Mitel Networks Corporat...
SP8401 MITEL-SP8401 Datasheet
98Kb / 5P
   Very Low Phase Noise 300MHz 첨10/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com