Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5300IU-T13 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL5300IU-T13
Description  200MHz Slew Enhanced VFA
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5300IU-T13 Datasheet(HTML) 2 Page - Intersil Corporation

  EL5300IU-T13 Datasheet HTML 1Page - Intersil Corporation EL5300IU-T13 Datasheet HTML 2Page - Intersil Corporation EL5300IU-T13 Datasheet HTML 3Page - Intersil Corporation EL5300IU-T13 Datasheet HTML 4Page - Intersil Corporation EL5300IU-T13 Datasheet HTML 5Page - Intersil Corporation EL5300IU-T13 Datasheet HTML 6Page - Intersil Corporation EL5300IU-T13 Datasheet HTML 7Page - Intersil Corporation EL5300IU-T13 Datasheet HTML 8Page - Intersil Corporation EL5300IU-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FN7330.2
Ordering Information
PART NUMBER
PART
MARKING
TAPE &
REEL
PACKAGE
PKG.
DWG. #
EL5100IS
5100IS
-
8 Ld SO
MDP0027
EL5100IS-T7
5100IS
7”
8 Ld SO
MDP0027
EL5100IS-T13
5100IS
13”
8 Ld SO
MDP0027
EL5100ISZ
(See Note)
5100ISZ
-
8 Ld SO
(Pb-free)
MDP0027
EL5100ISZ-T7
(See Note)
5100ISZ
7”
8 Ld SO
(Pb-free)
MDP0027
EL5100ISZ-T13
(See Note)
5100ISZ
13”
8 Ld SO
(Pb-free)
MDP0027
EL5100IW-T7
y
7”
(3K pcs)
6 Ld SOT-23 MDP0038
EL5100IW-T7A y
7”
(250 pcs)
6 Ld SOT-23 MDP0038
EL5101IC-T7
A
7”
(3K pcs)
SC-70
EL5101IC-T7A
A
7”
(250 pcs)
SC-70
EL5101IW-T7
2
7”
(3K pcs)
5 Ld SOT-23 MDP0038
EL5101IW-T7A 2
7”
(250 pcs)
5 Ld SOT-23 MDP0038
EL5300IU
5300IU
-
16 Ld QSOP MDP0040
EL5300IU-T7
5300IU
7”
16 Ld QSOP MDP0040
EL5300IU-T13
5300IU
13”
16 Ld QSOP MDP0040
EL5300IUZ
(See Note)
5300IUZ
-
16 Ld QSOP
(Pb-free)
MDP0040
EL5300IUZ-T7
(See Note)
5300IUZ
7”
16 Ld QSOP
(Pb-free)
MDP0040
EL5300IUZ-T13
(See Note)
5300IUZ
13”
16 Ld QSOP
(Pb-free)
MDP0040
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Ordering Information (Continued)
PART NUMBER
PART
MARKING
TAPE &
REEL
PACKAGE
PKG.
DWG. #
Pinouts
EL5100
(6 LD SOT-23)
TOP VIEW
EL5101
(5 LD SOT-23)
TOP VIEW
EL5100
(8 LD SO)
TOP VIEW
EL5300
(16 LD QSOP)
TOP VIEW
1
2
3
6
4
5
+-
OUT
VS-
IN+
VS+
ENABLE
IN-
1
2
3
5
4
+-
OUT
VS-
IN+
VS+
IN-
1
2
3
4
8
7
6
5
-
+
NC
IN-
IN+
ENABLE
VS+
OUT
VS-
NC
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
-
+
-
+
-
+
INA+
CEA
VS-
CEB
INA-
OUTA
VS+
OUTB
INB+
NC
CEC
INC+
INB-
NC
OUTC
INC-
EL5100, EL5101, EL5300


Similar Part No. - EL5300IU-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5300IU-T13 INTERSIL-EL5300IU-T13 Datasheet
333Kb / 11P
   200MHz Slew Enhanced VFA
EL5300IU-T13 INTERSIL-EL5300IU-T13 Datasheet
346Kb / 15P
   200MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5300IU-T13 RENESAS-EL5300IU-T13 Datasheet
750Kb / 15P
   200MHz Slew Enhanced VFA
More results

Similar Description - EL5300IU-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5100 INTERSIL-EL5100_07 Datasheet
346Kb / 15P
   200MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5100 RENESAS-EL5100 Datasheet
750Kb / 15P
   200MHz Slew Enhanced VFA
logo
Intersil Corporation
EL5100 INTERSIL-EL5100 Datasheet
333Kb / 11P
   200MHz Slew Enhanced VFA
EL5104 INTERSIL-EL5104 Datasheet
2Mb / 17P
   700MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5103 INTERSIL-EL5103 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com