Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7554IREZ-T7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL7554IREZ-T7
Description  Monolithic 4 Amp DC-DC Step-Down Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7554IREZ-T7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL7554IREZ-T7 Datasheet HTML 5Page - Intersil Corporation EL7554IREZ-T7 Datasheet HTML 6Page - Intersil Corporation EL7554IREZ-T7 Datasheet HTML 7Page - Intersil Corporation EL7554IREZ-T7 Datasheet HTML 8Page - Intersil Corporation EL7554IREZ-T7 Datasheet HTML 9Page - Intersil Corporation EL7554IREZ-T7 Datasheet HTML 10Page - Intersil Corporation EL7554IREZ-T7 Datasheet HTML 11Page - Intersil Corporation EL7554IREZ-T7 Datasheet HTML 12Page - Intersil Corporation EL7554IREZ-T7 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
FN7360.4
May 8, 2006
Detailed Description
The EL7554 is a full-feature synchronous 6A step-down
regulator capable of up to 96% efficiency. This device
operates from 3V to 6V VIN input supply. With internal
CMOS power FETs, the device can operate at up to 100%
duty ratio, allowing for output voltage range from 0.8V up to
nearly VIN.The adjustable high switching frequency of up to
1MHz enables the use of small components, making the
whole converter occupy less than 0.58 square inch with
components on one side of the PCB. The EL7554 operates
at constant frequency PWM mode, making external
synchronization possible. Patented on-chip resistorless
current-sensing enables current mode control, which
provides over-current protection, and excellent step load
response. The EL7554 features soft-start and full start-up
control, which eliminate the in-rush current and enables
users to control the start-up of multiple converters to any
configuration with ease. The EL7554 also offers a ±5%
voltage margining capability that allows raising and lowering
of the supplies derived from the EL7554 to validate the
performance and reliability of system cards quickly and
easily during manufacturing testing. A junction temperature
indicator conveniently monitors the silicon die temperature,
saving designers time in the tedious thermal
characterization.
Start-Up
The EL7554 employs a special soft-start to suppress the in-
rush current (see Figure 12). The start-up process takes
about 2ms and begins when the input voltage reaches about
2.8V and EN pin voltage 2V. When EN is released from
LOW, or the converter comes out of thermal shut-down
mode, the soft-start process repeats. When the input voltage
ramps up too slowly, slight over- current at the input can
occur. Connecting a small capacitor at EN will delay the
start-up. The delay time TD can be calculated by:
where:
•CEN is the capacitance at EN pin
•VEN_HI is the EN input high level (function of VDD voltage,
see Figure 5)
•IEN is the EN pin pull-up current, nominal 2.5µA
If a slower than 2ms soft start-up is needed, please refer to
Full Start-Up Control section.
Steady-State Operation
The converter always operates at fixed frequency
continuous-conduction mode. For fast transient response,
peak current control method is employed. The inductor
current is sensed from the upper PFET. This current signal,
the slope compensation, and the compensated error signal
are fed to the PWM comparator to generate the PWM signal
for the internal power switches. When the upper PFET is on,
the low-side NFET is off and input voltage charges the
inductor. When PFET is off, the NFET is on and energy
stored in the inductor is dumped to the output to maintain
constant output voltage. Therefore, the LX waveform is
always a stable square waveform (see Figure 13) with peak
close to VIN. So LX is a good indication that the converter is
operating properly.
100% Duty Ratio
EL7554 uses CMOS as internal synchronous power
switches. The upper switch is a PMOS and the lower switch
an NMOS. This not only saves a boot capacitor, it also
allows 100% turn-on of the upper PFET switch, achieving
FIGURE 18. ADJUSTABLE START-UP
FIGURE 19. TRACKING START-UP
Waveforms (Continued)
VIN = VD = 3.3V, VO = 1.8V, IO = 4A, L = 2.2µH, CIN = 2x10µF, COUT = 47µF, COSC = 220pF, TA = 25°C unless otherwise noted.
VIN (2V/DIV)
IIN (2A/DIV)
VO (1V/DIV)
2ms/DIV
CIN = 100µF,
COUT = 150µF
VIN (5V/DIV)
VO1=2.5V
VO2=1.8V
5ms/DIV
CIN = 100µF,
COUT = 150µF
TD
CEN
VEN_HI
IEN
--------------------
×
=
EL7554


Similar Part No. - EL7554IREZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7554IREZ-T7 INTERSIL-EL7554IREZ-T7 Datasheet
499Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
More results

Similar Description - EL7554IREZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
   Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7564 INTERSIL-EL7564 Datasheet
644Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7554 INTERSIL-EL7554 Datasheet
499Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
EL7566 INTERSIL-EL7566 Datasheet
490Kb / 14P
   Monolithic 6 Amp DC-DC Step-Down Regulator
EL7566 INTERSIL-EL7566_06 Datasheet
399Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
   Monolithic 4A DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7562 INTERSIL-EL7562 Datasheet
246Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
EL7562 INTERSIL-EL7562_06 Datasheet
162Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7562 RENESAS-EL7562 Datasheet
470Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com