Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5132 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5132
Description  670MHz Low Noise Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5132 Datasheet(HTML) 5 Page - Intersil Corporation

  EL5132 Datasheet HTML 1Page - Intersil Corporation EL5132 Datasheet HTML 2Page - Intersil Corporation EL5132 Datasheet HTML 3Page - Intersil Corporation EL5132 Datasheet HTML 4Page - Intersil Corporation EL5132 Datasheet HTML 5Page - Intersil Corporation EL5132 Datasheet HTML 6Page - Intersil Corporation EL5132 Datasheet HTML 7Page - Intersil Corporation EL5132 Datasheet HTML 8Page - Intersil Corporation EL5132 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FIGURE 7. GAIN vs FREQUENCY FOR VARIOUS ±VS
FIGURE 8. GAIN vs FREQUENCY FOR VARIOUS RLOAD
(AV = +10)
FIGURE 9. GAIN vs FREQUENCY FOR VARIOUS RLOAD
(AV = +20)
FIGURE 10. GAIN vs FREQUENCY FOR VARIOUS CLOAD
(AV = +10)
FIGURE 11. GAIN vs FREQUENCY FOR VARIOUS CLOAD
(AV = +20)
FIGURE 12. GAIN vs FREQUENCY FOR VARIOUS RF (AV = +10)
Typical Performance Curves (Continued)
-5
-4
-3
-2
-1
0
1
2
3
4
5
100k
1M
10M
100M
1G
FREQUENCY (Hz)
VS = ±5V
VS = ±6
VS=±4
VS = ±3V
VS = ±2.5V
AV = +10
RG = 25Ω
RL = 500Ω
CL = +1pF
-5
-4
-3
-2
-1
0
1
2
3
4
5
100k
1M
10M
100M
1G
FREQUENCY (Hz)
RL=100Ω
RL=150Ω
RL=500Ω
RL = 1kΩ
VS = ±5V
AV = +10
RG = 25Ω
CL = +1pF
-5
-4
-3
-2
-1
0
1
2
3
4
5
100k
1M
10M
100M
1G
FREQUENCY (Hz)
RL=100Ω
RL=150Ω
RL=1kΩ
VS = ±5V
AV = +20
RG = 25Ω
CL = +1pF
RL=500Ω
-5
-4
-3
-2
-1
0
1
2
3
4
5
100k
1M
10M
100M
1G
FREQUENCY (Hz)
CL=3.3pF
CL= 1pF
VS = ±5V
AV = +10
RG = 25Ω
RF = 225Ω
RL = 500Ω
CL=6.8pF
CL= 12pF
-5
-4
-3
-2
-1
0
1
2
3
4
5
100k
1M
10M
100M
1G
FREQUENCY (Hz)
CL=1pF
CL= 23pF
CL=39pF
VS = ±5V
AV = +20
RG = 25Ω
RF = 475
RL = 500Ω
CL= 12pF
-5
-4
-3
-2
-1
0
1
2
3
4
5
100k
1M
10M
100M
1G
FREQUENCY (Hz)
RF = 225Ω
RF = 450Ω
VS = ±5V
AV = +10
RL = 500Ω
CL = +1pF
RF = 900Ω
RF = 90Ω
EL5132, EL5133


Similar Part No. - EL5132

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5132 INTERSIL-EL5132 Datasheet
6Mb / 9P
   670MHz Low Noise Amplifiers
EL5132 INTERSIL-EL5132 Datasheet
6Mb / 13P
   670MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5132 RENESAS-EL5132 Datasheet
3Mb / 13P
   670MHz Low Noise Amplifiers
logo
Intersil Corporation
EL5132IS INTERSIL-EL5132IS Datasheet
6Mb / 9P
   670MHz Low Noise Amplifiers
EL5132IS INTERSIL-EL5132IS Datasheet
6Mb / 13P
   670MHz Low Noise Amplifiers
More results

Similar Description - EL5132

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5132_0705 INTERSIL-EL5132_0705 Datasheet
6Mb / 13P
   670MHz Low Noise Amplifiers
5962-0623601QPC INTERSIL-5962-0623601QPC Datasheet
100Kb / 3P
   670MHz Low Noise Amplifiers
EL5132 INTERSIL-EL5132 Datasheet
6Mb / 9P
   670MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5132 RENESAS-EL5132 Datasheet
3Mb / 13P
   670MHz Low Noise Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
EL5131 INTERSIL-EL5131 Datasheet
250Kb / 7P
   500MHz Low Noise Amplifiers
logo
Fairchild Semiconductor
AN-6601 FAIRCHILD-AN-6601 Datasheet
654Kb / 4P
   Low Noise JFET Amplifiers
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com