Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5151 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL5151
Description  200MHz Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5151 Datasheet(HTML) 4 Page - Intersil Corporation

  EL5151 Datasheet HTML 1Page - Intersil Corporation EL5151 Datasheet HTML 2Page - Intersil Corporation EL5151 Datasheet HTML 3Page - Intersil Corporation EL5151 Datasheet HTML 4Page - Intersil Corporation EL5151 Datasheet HTML 5Page - Intersil Corporation EL5151 Datasheet HTML 6Page - Intersil Corporation EL5151 Datasheet HTML 7Page - Intersil Corporation EL5151 Datasheet HTML 8Page - Intersil Corporation EL5151 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
FN7384.5
April 4, 2006
ENABLE (SELECTED PACKAGES ONLY)
tEN
Enable Time
EL5150
210
ns
tDIS
Disable Time
EL5150
620
ns
IIHCE
CE Pin Input High Current
CE = VS+1
5
25
µA
IILCE
CE Pin Input Low Current
CE = VS+ - 5V
-1
0
+1
µA
VIHCE
CE Input High Voltage for Powerdown
Disable
VS+ -1
V
VILCE
CE Input Low Voltage for Powerdown
Enable
VS+ -3
V
SUPPLY
ISON
Supply Current - Enabled (per amplifier)
No load, VIN = 0V, CE = +5V
1.12
1.35
1.6
mA
ISOFF+
Supply Current - Disabled (per amplifier)
-10
-1
+5
µA
ISOFF-
Supply Current - Disabled (per amplifier) No load, VIN = 0V
-25
-14
0
µA
PSRR
Power Supply Rejection Ratio
DC, VS = ±3.0V to ±6.0V
80
110
dB
NOTE:
1. Standard NTSC test, AC signal amplitude = 286mVP-P, f = 3.58MHz, VOUT is swept from 0.8V to 3.4V, RL is DC coupled.
Electrical Specifications
VS+ = +5V, VS- = -5V, RL = 150Ω, TA = 25°C, unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves
FIGURE 1. EL5150 FREQUENCY vs OPEN LOOP
GAIN/PHASE
FIGURE 2. PHASE vs FREQUENCY FOR VARIOUS GAINS
1K
1G
10K
100K
1M
10M
100M
100
80
60
40
20
0
180
135
0
-45
90
45
FREQUENCY (Hz)
100K
1G
1M
10M
100M
180
90
0
-90
-180
-270
FREQUENCY (Hz)
AV=+1
RL=500Ω
RF=0Ω
AV=+2
RL=150Ω
RF=400Ω
AV=+5
RL=500Ω
RF=1.5KΩ
EL5150, EL5151, EL5250, EL5251, EL5451


Similar Part No. - EL5151

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5151 INTERSIL-EL5151 Datasheet
630Kb / 18P
   200MHz Amplifiers
EL5151 INTERSIL-EL5151 Datasheet
404Kb / 18P
   200MHz Amplifiers
logo
Renesas Technology Corp
EL5151 RENESAS-EL5151 Datasheet
890Kb / 18P
   200MHz Amplifiers
logo
Intersil Corporation
EL5151IW-T7 INTERSIL-EL5151IW-T7 Datasheet
630Kb / 18P
   200MHz Amplifiers
EL5151IW-T7 INTERSIL-EL5151IW-T7 Datasheet
404Kb / 18P
   200MHz Amplifiers
More results

Similar Description - EL5151

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5250 INTERSIL-EL5250 Datasheet
630Kb / 18P
   200MHz Amplifiers
logo
Renesas Technology Corp
EL5150 RENESAS-EL5150 Datasheet
890Kb / 18P
   200MHz Amplifiers
logo
Intersil Corporation
EL5150 INTERSIL-EL5150_08 Datasheet
404Kb / 18P
   200MHz Amplifiers
EL8200 INTERSIL-EL8200 Datasheet
1Mb / 15P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100_07 Datasheet
343Kb / 13P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100 Datasheet
564Kb / 14P
   200MHz Rail-to-Rail Amplifiers
EL8200 INTERSIL-EL8200_07 Datasheet
395Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8200 RENESAS-EL8200 Datasheet
830Kb / 16P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8100ISZ INTERSIL-EL8100ISZ Datasheet
561Kb / 14P
   200MHz Rail-to-Rail Amplifiers
September 14, 2010
EL8200 INTERSIL-EL8200_06 Datasheet
726Kb / 15P
   200MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com