Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5130IS-T13 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5130IS-T13
Description  300MHz Low Noise Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5130IS-T13 Datasheet(HTML) 5 Page - Intersil Corporation

  EL5130IS-T13 Datasheet HTML 1Page - Intersil Corporation EL5130IS-T13 Datasheet HTML 2Page - Intersil Corporation EL5130IS-T13 Datasheet HTML 3Page - Intersil Corporation EL5130IS-T13 Datasheet HTML 4Page - Intersil Corporation EL5130IS-T13 Datasheet HTML 5Page - Intersil Corporation EL5130IS-T13 Datasheet HTML 6Page - Intersil Corporation EL5130IS-T13 Datasheet HTML 7Page - Intersil Corporation EL5130IS-T13 Datasheet HTML 8Page - Intersil Corporation EL5130IS-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN7381.3
June 6, 2006
FIGURE 13. GAIN vs FREQUENCY FOR VARIOUS CIN-
(AV=+10)
FIGURE 14. GAIN vs FREQUENCY FOR VARIOUS ±VS (AV=+5)
FIGURE 15. GAIN vs FREQUENCY FOR VARIOUS VS± (AV=+10)
FIGURE 16. FREQUENCY RESPONSE (-3dB ROLL-OFF)
FIGURE 17. FREQUENCY RESPONSE (0.1dB GAIN FLATNESS)
FIGURE 18. INPUT AND OUTPUT ISOLATION FOR DISABLE
AMPLIFIER
Typical Performance Curves
0.1
1
10
100
1k
5
3
1
-1
-3
-5
FREQUENCY (MHz)
VS=±5V
AV=+10
RG=50Ω
RL=500Ω
CL=5pF
CIN=25pF
CIN=18pF
CIN=15pF
CIN=10pF
0.1
1
10
100
1k
5
3
1
-1
-3
-5
FREQUENCY (MHz)
VS=±5V
AV=+5
RG=50Ω
RL=500Ω
CL=5pF
VS=±6
VS=±4
VS=±3
VS=±5
VS=±2.5
0.1
1
10
100
1k
5
3
1
-1
-3
-5
FREQUENCY (MHz)
VS=±5V
AV=+10
RG=50Ω
RL=500Ω
VS=±6
VS=±4
VS=±3
VS=±5
VS=±2.5
1
10
100
1k
5
3
1
-1
-3
-5
FREQUENCY (MHz)
VS=±5V
AV=+5
RG=50Ω
RL=500Ω
CL=5pF
-3dB @
360MHz
1
10
100
1k
0.5
0.3
0.1
-0.1
-0.3
-0.5
FREQUENCY (MHz)
VS=±5V
AV=+5
RG=50Ω
RL=500Ω
CL=5pF
-0.1dB @
230MHz
0.1
1
10
100
-40
-60
-80
-100
-120
-140
FREQUENCY (MHz)
VS=±5V
AV=+5
RG=50Ω
RL=500Ω
EL5130, EL5131


Similar Part No. - EL5130IS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5130IS-T13 INTERSIL-EL5130IS-T13 Datasheet
250Kb / 7P
   500MHz Low Noise Amplifiers
EL5130IS-T13 INTERSIL-EL5130IS-T13 Datasheet
320Kb / 12P
   300MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5130IS-T13 RENESAS-EL5130IS-T13 Datasheet
674Kb / 12P
   300MHz Low Noise Amplifiers
More results

Similar Description - EL5130IS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5130 INTERSIL-EL5130_07 Datasheet
320Kb / 12P
   300MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5130 RENESAS-EL5130 Datasheet
674Kb / 12P
   300MHz Low Noise Amplifiers
logo
Maxim Integrated Produc...
MAX2640 MAXIM-MAX2640_07 Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640AUT MAXIM-MAX2640AUT Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
logo
Intersil Corporation
EL5153 INTERSIL-EL5153 Datasheet
357Kb / 14P
   300MHz Amplifiers
logo
Zarlink Semiconductor I...
SL560 ZARLINK-SL560 Datasheet
105Kb / 8P
   300MHz LOW NOISE AMPLIFIER
logo
Linear Technology
LT6402-6 LINER-LT6402-6_15 Datasheet
238Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier
LT6402-12 LINER-LT6402-12_15 Datasheet
240Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier
LT6402-20 LINER-LT6402-20_15 Datasheet
335Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier
logo
Mitel Networks Corporat...
SP8401 MITEL-SP8401 Datasheet
98Kb / 5P
   Very Low Phase Noise 300MHz 첨10/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com