Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5152IS Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL5152IS
Description  270MHz Ultra-Accurate Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5152IS Datasheet(HTML) 2 Page - Intersil Corporation

  EL5152IS Datasheet HTML 1Page - Intersil Corporation EL5152IS Datasheet HTML 2Page - Intersil Corporation EL5152IS Datasheet HTML 3Page - Intersil Corporation EL5152IS Datasheet HTML 4Page - Intersil Corporation EL5152IS Datasheet HTML 5Page - Intersil Corporation EL5152IS Datasheet HTML 6Page - Intersil Corporation EL5152IS Datasheet HTML 7Page - Intersil Corporation EL5152IS Datasheet HTML 8Page - Intersil Corporation EL5152IS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
FN7385.4
October 3, 2005
Ordering Information
PART NUMBER
PART MARKING
TAPE & REEL
PACKAGE
PKG.
DWG. #
EL5152IS
5152IS
-
8 Ld SO
MDP0027
EL5152IS-T7
5152IS
7”
8 Ld SO
MDP0027
EL5152IS-T13
5152IS
13”
8 Ld SO
MDP0027
EL5152ISZ (See Note)
5152ISZ
-
8 Ld SO (Pb-free)
MDP0027
EL5152ISZ-T7 (See Note)
5152ISZ
7”
8 Ld SO (Pb-free)
MDP0027
EL5152ISZ-T13 (See Note)
5152ISZ
13”
8 Ld SO (Pb-free)
MDP0027
EL5153IW-T7
BGAA
7” (3K pcs)
5 Ld SOT-23
MDP0038
EL5153IW-T7A
BGAA
7” (250 pcs)
5 Ld SOT-23
MDP0038
EL5153IWZ-T7 (See Note)
BAAL
7” (3K pcs)
5 Ld SOT-23 (Pb-free)
MDP0038
EL5153IWZ-T7A (See Note)
BAAL
7” (250 pcs)
5 Ld SOT-23 (Pb-free)
MDP0038
EL5252IY
BAGAA
-
10 Ld MSOP
MDP0043
EL5252IY-T7
BAGAA
7”
10 Ld MSOP
MDP0043
EL5252IY-T13
BAGAA
13”
10 Ld MSOP
MDP0043
EL5455IS
5455IS
-
14 Ld SO
MDP0027
EL5455IS-T7
5455IS
7”
14 Ld SO
MDP0027
EL5455IS-T13
5455IS
13”
14 Ld SO
MDP0027
EL5455ISZ (See Note)
5455ISZ
-
14 Ld SO (Pb-free)
MDP0027
EL5455ISZ-T7 (See Note)
5455ISZ
7”
14 Ld SO (Pb-free)
MDP0027
EL5455ISZ-T13 (See Note)
5455ISZ
13”
14 Ld SO (Pb-free)
MDP0027
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
EL5152, EL5153, EL5252, EL5455


Similar Part No. - EL5152IS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5152IS INTERSIL-EL5152IS Datasheet
357Kb / 14P
   300MHz Amplifiers
EL5152IS INTERSIL-EL5152IS Datasheet
371Kb / 16P
   270MHz Ultra-Accurate Amplifiers
EL5152IS INTERSIL-EL5152IS Datasheet
380Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Renesas Technology Corp
EL5152IS RENESAS-EL5152IS Datasheet
805Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Intersil Corporation
EL5152IS-T13 INTERSIL-EL5152IS-T13 Datasheet
357Kb / 14P
   300MHz Amplifiers
More results

Similar Description - EL5152IS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5152 INTERSIL-EL5152_07 Datasheet
371Kb / 16P
   270MHz Ultra-Accurate Amplifiers
EL5152 INTERSIL-EL5152 Datasheet
380Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Renesas Technology Corp
EL5152 RENESAS-EL5152 Datasheet
805Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Texas Instruments
THS4001 TI1-THS4001 Datasheet
887Kb / 21P
[Old version datasheet]   270MHZ HIGH SPEED AMPLIFIERS
LMH6657 TI1-LMH6657 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
LMH6658 TI1-LMH6658 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
logo
National Semiconductor ...
LMH6657 NSC-LMH6657_14 Datasheet
1Mb / 29P
   270MHz Single Supply, Single & Dual Amplifiers
LMH6657 NSC-LMH6657 Datasheet
788Kb / 20P
   270MHz Single Supply, Single & Dual Amplifiers
logo
Texas Instruments
LMH6658MAX TI-LMH6658MAX Datasheet
1Mb / 29P
[Old version datasheet]   LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
logo
Analog Devices
SMP-10 AD-SMP-10 Datasheet
540Kb / 9P
   Low Droop Rate/Accurate Sample-andHold Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com