Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15ETX06FPPBF Datasheet(PDF) 7 Page - International Rectifier

Part # 15ETX06FPPBF
Description  Hyperfast Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

15ETX06FPPBF Datasheet(HTML) 7 Page - International Rectifier

  15ETX06FPPBF Datasheet HTML 1Page - International Rectifier 15ETX06FPPBF Datasheet HTML 2Page - International Rectifier 15ETX06FPPBF Datasheet HTML 3Page - International Rectifier 15ETX06FPPBF Datasheet HTML 4Page - International Rectifier 15ETX06FPPBF Datasheet HTML 5Page - International Rectifier 15ETX06FPPBF Datasheet HTML 6Page - International Rectifier 15ETX06FPPBF Datasheet HTML 7Page - International Rectifier 15ETX06FPPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
15ETX06PbF, 15ETX06FPPbF
Bulletin PD-20885 rev. A 10/06
www.irf.com
5°± 0.5°
R0.5
R0.7 (2 PLACES)
3.1
HOLE ø 3.4
10.4
0.7
TYP.
5°± 0.5°
0.9
2.54 TYP.
2.54
10.6
0.48
2.85
2.8
1.4
1.15
1.05
1.3
0.44
2.65
2.6
TYP
10°
Outline Table
Conforms to JEDEC Outline TO-220 FULLPACK
Dimensions in millimeters and (inches)
Anode
1
3
Cathode
LOT CODE
ASSEMBLY
RECTIFIER
INTERNATIONAL
IRMX Assembly Line
EXAMPLE:
ASSEMBLED ON WW 19, 2001
IN THE ASSEMBLY LINE "C"
THIS IS A 15ETX06
LOT CODE 1789
LOGO
P = LEAD-FREE
PART NUMBER
WEEK 19
YEAR 1 = 2001
DATE CODE
Part Marking Information (TO-220)
LOT CODE
ASSEMBLY
RECTIFIER
INTERNATIONAL
IRXC Assembly Line
EXAMPLE:
ASSEMBLED ON WW 19, 2001
IN THE ASSEMBLY LINE "C"
LOT CODE 1789
LOGO
WEEK 19
LINE C
PART NUMBER
DATE CODE
YEAR 1 = 2001
P = LEAD-FREE
THIS IS A 15ETX06


Similar Part No. - 15ETX06FPPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15ETX06FPPBF VISHAY-15ETX06FPPBF Datasheet
121Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 04-Apr-08
15ETX06FPPBF VISHAY-15ETX06FPPBF Datasheet
192Kb / 9P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 28-Apr-11
15ETX06FPPBF VISHAY-15ETX06FPPBF Datasheet
198Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 02-Jan-11
More results

Similar Description - 15ETX06FPPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30ETH06 IRF-30ETH06 Datasheet
207Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
VS-4ESH02-M3 VISHAY-VS-4ESH02-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 24-Nov-14
VS-2EFH02HM3 VISHAY-VS-2EFH02HM3 Datasheet
114Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-2EJH01-M3 VISHAY-VS-2EJH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 20-Nov-14
VS-6CSH02-M3 VISHAY-VS-6CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH01-M3 VISHAY-VS-8CSH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH02-M3 VISHAY-VS-8CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-10CSH01-M3 VISHAY-VS-10CSH01-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
logo
International Rectifier
30EPH06PBF IRF-30EPH06PBF Datasheet
165Kb / 7P
   Hyperfast Rectifier
logo
Fairchild Semiconductor
RHRA1560CC FAIRCHILD-RHRA1560CC Datasheet
156Kb / 5P
   Hyperfast Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com