Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40L15CTSTRL Datasheet(PDF) 3 Page - International Rectifier

Part # 40L15CTSTRL
Description  SCHOTTKY RECTIFIER 2 x 20 Amps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40L15CTSTRL Datasheet(HTML) 3 Page - International Rectifier

  40L15CTSTRL Datasheet HTML 1Page - International Rectifier 40L15CTSTRL Datasheet HTML 2Page - International Rectifier 40L15CTSTRL Datasheet HTML 3Page - International Rectifier 40L15CTSTRL Datasheet HTML 4Page - International Rectifier 40L15CTSTRL Datasheet HTML 5Page - International Rectifier 40L15CTSTRL Datasheet HTML 6Page - International Rectifier 40L15CTSTRL Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
40L15CTSPbF, 40L15CT-1PbF
Bulletin PD-21037 02/07
3
www.irf.com
Fig. 2 - Typical Values of Reverse Current
Vs. Reverse Voltage
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance Z
thJC Characteristics
Fig. 1 - Maximum Forward Voltage Drop Characteristics
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
FM
Forward Voltage Drop - V
(V)
T = 125°C
T = 75°C
T = 25°C
J
J
J
0.1
1
10
100
1000
03
69
12
15
R
75°C
50°C
25°C
Reverse Voltage - V (V)
T = 100°C
J
100
1000
10000
0
5
10
15
20
R
Reverse Voltage - V (V)
T = 25°C
J
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
t , Rectangular Pulse Duration (Seconds)
Single Pulse
(Thermal Resistance)
1
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
12
J
thJC
C
DM
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
2
t
1
t
P
DM


Similar Part No. - 40L15CTSTRL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40L15CTSTRL VISHAY-40L15CTSTRL Datasheet
126Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 21-Aug-08
40L15CTSTRLPBF VISHAY-40L15CTSTRLPBF Datasheet
129Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 13-Aug-08
40L15CTSTRLPBF VISHAY-40L15CTSTRLPBF Datasheet
122Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 15-Mar-10
More results

Similar Description - 40L15CTSTRL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
40L15CWPBF IRF-40L15CWPBF Datasheet
198Kb / 6P
   SCHOTTKY RECTIFIER 2 x 20 Amps
40L40CWPBF IRF-40L40CWPBF Datasheet
194Kb / 6P
   SCHOTTKY RECTIFIER 2 x 20 Amps
logo
Vishay Siliconix
40CPQ035PBF VISHAY-40CPQ035PBF Datasheet
122Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 13-Aug-08
40CPQ080G VISHAY-40CPQ080G Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 21-Aug-08
40CTQ045PBF VISHAY-40CTQ045PBF Datasheet
118Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 13-Aug-08
MBRB4045CTPBF VISHAY-MBRB4045CTPBF Datasheet
123Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
STPS40L15CWPBF VISHAY-STPS40L15CWPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
MBR40L15CWPBF VISHAY-MBR40L15CWPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
40CTQ045PBF VISHAY-40CTQ045PBF_12 Datasheet
165Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 26-Aug-11
40CTQ150PBF VISHAY-40CTQ150PBF_12 Datasheet
154Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 26-Aug-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com