Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5157IWZ-T7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5157IWZ-T7
Description  <1mV Voltage Offset, 600MHz Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5157IWZ-T7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL5157IWZ-T7 Datasheet HTML 2Page - Intersil Corporation EL5157IWZ-T7 Datasheet HTML 3Page - Intersil Corporation EL5157IWZ-T7 Datasheet HTML 4Page - Intersil Corporation EL5157IWZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5157IWZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5157IWZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5157IWZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5157IWZ-T7 Datasheet HTML 9Page - Intersil Corporation EL5157IWZ-T7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
FN7386.3
June 15, 2006
FIGURE 11. SMALL SIGNAL FREQUENCY RESPONSE FOR
VARIOUS RL
FIGURE 12. EL5256 SMALL SIGNAL FREQUENCY
RESPONSE FOR VARIOUS RL
FIGURE 13. SMALL SIGNAL FREQUENCY RESPONSE FOR
VARIOUS CIN
FIGURE 14. SMALL SIGNAL FREQUENCY RESPONSE FOR
VARIOUS CIN
FIGURE 15. SMALL SIGNAL FREQUENCY RESPONSE FOR
VARIOUS RF AND RG
FIGURE 16. EL5256 SMALL SIGNAL FREQUENCY
RESPONSE FOR VARIOUS RF AND RG
Typical Performance Curves (Continued)
AV=+1
CL=0.2pF
RL=300Ω
RL=150Ω
RL=500Ω
4
FREQUENCY (Hz)
2
0
-2
-4
-6
100K
1M
10M
100M
1G
AV=+1
CL=4.7pF
RL=100Ω
RL=500Ω
RL=200Ω
RL=50Ω
5
FREQUENCY (Hz)
3
1
-1
-3
-5
100K
1M
10M
100M
1G
AV=+2
RL=500Ω
CL=4.7pF
RF=500Ω
CIN=12pF
CIN=4.7pF
CIN=0pF
CIN=8.2pF
CIN=0.2pF
5
FREQUENCY (Hz)
3
1
-1
-3
-5
100K
1M
10M
100M
AV=+5
CL=4.7pF
RL=500Ω
RF=102Ω
CIN=68pF
CIN=0pF
CIN=47pF
CIN=22pF
CIN=4.7pF
4
FREQUENCY (Hz)
2
0
-2
-4
-6
100K
1M
10M
100M
VS=±5V
AV=+2
RL=150Ω
CL=4.7pF
4
FREQUENCY (Hz)
2
0
-2
-4
-6
100K
1M
10M
100M
1G
RF=RG=1kΩ
RF=RG=350Ω
RF=RG=562Ω
RF=RG=500Ω
RF=RG=250Ω
AV=+2
CL=4.7pF
RL=500Ω
RF=RG=3kΩ
RF=RG=2kΩ
RF=RG=1kΩ
RF=RG=500Ω
RF=RG=200Ω
6
FREQUENCY (Hz)
4
2
0
-2
-4
100K
1M
10M
100M
1G
EL5156, EL5157, EL5256, EL5257


Similar Part No. - EL5157IWZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5157IWZ-T7 INTERSIL-EL5157IWZ-T7 Datasheet
394Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
EL5157IWZ-T7 INTERSIL-EL5157IWZ-T7 Datasheet
499Kb / 17P
   1mV Voltage Offset, 600MHz Amplifiers
logo
Renesas Technology Corp
EL5157IWZ-T7 RENESAS-EL5157IWZ-T7 Datasheet
855Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
logo
Intersil Corporation
EL5157IWZ-T7A INTERSIL-EL5157IWZ-T7A Datasheet
394Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
EL5157IWZ-T7A INTERSIL-EL5157IWZ-T7A Datasheet
499Kb / 17P
   1mV Voltage Offset, 600MHz Amplifiers
More results

Similar Description - EL5157IWZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5156 RENESAS-EL5156 Datasheet
855Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
logo
Intersil Corporation
EL5156 INTERSIL-EL5156_07 Datasheet
394Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
EL5156 INTERSIL-EL5156 Datasheet
499Kb / 17P
   1mV Voltage Offset, 600MHz Amplifiers
logo
Renesas Technology Corp
REAC1251G RENESAS-REAC1251G Datasheet
871Kb / 11P
   Low Input Offset Voltage VIO≤1mV Single Power Supply Dual Operational Amplifiers
2021.7.12
REAC1251J RENESAS-REAC1251J Datasheet
871Kb / 11P
   Low Input Offset Voltage VIO≤1mV(@-40℃ to 125℃)
2021.7.12
logo
Elantec Semiconductor
EL4344C ELANTEC-EL4344C Datasheet
36Kb / 5P
   600MHz Multiplexing Amplifiers
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_13 Datasheet
325Kb / 16P
   Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
logo
Rohm
BA8522RF ROHM-BA8522RF Datasheet
171Kb / 5P
   LOW OFFSET VOLTAGE DUAL OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com