Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4340IU-T13 Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL4340IU-T13
Description  500MHz Triple, Multiplexing Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4340IU-T13 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL4340IU-T13 Datasheet HTML 5Page - Intersil Corporation EL4340IU-T13 Datasheet HTML 6Page - Intersil Corporation EL4340IU-T13 Datasheet HTML 7Page - Intersil Corporation EL4340IU-T13 Datasheet HTML 8Page - Intersil Corporation EL4340IU-T13 Datasheet HTML 9Page - Intersil Corporation EL4340IU-T13 Datasheet HTML 10Page - Intersil Corporation EL4340IU-T13 Datasheet HTML 11Page - Intersil Corporation EL4340IU-T13 Datasheet HTML 12Page - Intersil Corporation EL4340IU-T13 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FN7421.2
February 23, 2006
HIZ State
An internal pull-down resistor ensures the device will be
active with no connection to the HIZ pin. The HIZ state is
established within approximately 15ns (Figure 16) by placing
a logic high (>2V) on the HIZ pin. If the HIZ state is selected,
the output is a high impedance 1.4M
Ω with approximately
1.5pF in parallel with a 10
µA bias current from the output.
Use this state when more than one mux shares a common
output.
In the HIZ state the output is three-stated, and maintains its
high Z even in the presence of high slew rates. The supply
current during this state is same as the active state.
ENABLE and Power-down States
The enable pin is active low. An internal pull-down resistor
ensures the device will be active with no connection to the
ENABLE pin. The Power-down state is established within
approximately 80ns (Figure 14), if a logic high (>2V) is
placed on the ENABLE pin. In the Power-down state, the
output has no leakage but has a large variable capacitance
(on the order of 15pF), and is capable of being back-driven.
Under this condition, large incoming slew rates can cause
fault currents of tens of mA. Do not use this state as a high
impedance output when several MUX amps share the
same output line.
LE State
The EL4340 is equipped with a Latch Enable pin. A logic
high (>2V) on the LE pin latches the last logic state. This
logic state is preserved when cycling HIZ or ENABLE
functions.
Limiting the Output Current
No output short circuit current limit exists on these parts. All
applications need to limit the output current to less than
50mA. Adequate thermal heat sinking of the parts is also
required.
Application Example
Figure 22 illustrates the use of the EL4342, two ISL84517
SPST switches and one NC7ST00P5X NAND gate to mux 3
different component video signals and one RGB video
signal. The SPDT switches provide the sync signal for the
RGB video and disconnects the sync signal for the
component signal.
PC Board Layout
The AC performance of this circuit depends greatly on the
care taken in designing the PC board. The following are
recommendations to achieve optimum high frequency
performance from your PC board.
• The use of low inductance components such as chip
resistors and chip capacitors is strongly recommended.
• Minimize signal trace lengths. Trace inductance and
capacitance can easily limit circuit performance. Avoid
sharp corners, use rounded corners when possible. Vias
in the signal lines add inductance at high frequency and
should be avoided. PCB traces greater than 1" begin to
exhibit transmission line characteristics with signal rise/fall
times of 1ns or less. High frequency performance may be
degraded for traces greater than one inch, unless strip line
are used.
• Match channel-channel analog I/O trace lengths and
layout symmetry. This will minimize propagation delay
mismatches.
• Maximize use of AC de-coupled PCB layers. All signal I/O
lines should be routed over continuous ground planes (i.e.
no split planes or PCB gaps under these lines). Avoid vias
in the signal I/O lines.
• Use proper value and location of termination resistors.
Termination resistors should be as close to the device as
possible.
• When testing use good quality connectors and cables,
matching cable types and keeping cable lengths to a
minimum.
• Minimum of 2 power supply de-coupling capacitors are
recommended (1000pF, 0.01µF) as close to the devices
as possible - Avoid vias between the cap and the device
because vias add unwanted inductance. Larger caps can
be farther away. When vias are required in a layout, they
should be routed as far away from the device as possible.
• The NIC pins are placed on both sides of the input pins.
These pins are not internally connected to the die. It is
recommended these pins be tied to ground to minimize
crosstalk.
The QFN Package Requires Additional PCB Layout
Rules for the Thermal Pad
The thermal pad is electrically connected to V- supply
through the high resistance IC substrate. Its primary function
is to provide heat sinking for the IC. However, because of the
connection to the V- supply through the substrate, the
thermal pad must be tied to the V- supply to prevent
unwanted current flow to the thermal pad. Do not tie this pin
to GND as this could result in large back biased currents
flowing between GND and V-. The EL4342 uses the package
with pad dimensions of D2 = 2.48mm and E2 = 3.4mm.
Maximum AC performance is achieved if the thermal pad is
attached to a dedicated de-coupled layer in a multi-layered
PC board. In cases where a dedicated layer is not possible,
AC performance may be reduced at upper frequencies.
The thermal pad requirements are proportional to power
dissipation and ambient temperature. A dedicated layer
eliminates the need for individual thermal pad area. When a
dedicated layer is not possible a 1” x 1” pad area is sufficient
for the EL4342 that is dissipating 0.5W in +50°C ambient.
Pad area requirements should be evaluated on a case by
case basis.
EL4340, EL4342


Similar Part No. - EL4340IU-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4340IU-T13 INTERSIL-EL4340IU-T13 Datasheet
882Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
More results

Similar Description - EL4340IU-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4342 INTERSIL-EL4342 Datasheet
882Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4340IUZ INTERSIL-EL4340IUZ Datasheet
812Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
October 18, 2010
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 RENESAS-ISL59482 Datasheet
1Mb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59483 INTERSIL-ISL59483_07 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com