Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7531IY-T13 Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL7531IY-T13
Description  Monolithic 1A Step-Down Regulator with Low Quiescent Current
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7531IY-T13 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL7531IY-T13 Datasheet HTML 3Page - Intersil Corporation EL7531IY-T13 Datasheet HTML 4Page - Intersil Corporation EL7531IY-T13 Datasheet HTML 5Page - Intersil Corporation EL7531IY-T13 Datasheet HTML 6Page - Intersil Corporation EL7531IY-T13 Datasheet HTML 7Page - Intersil Corporation EL7531IY-T13 Datasheet HTML 8Page - Intersil Corporation EL7531IY-T13 Datasheet HTML 9Page - Intersil Corporation EL7531IY-T13 Datasheet HTML 10Page - Intersil Corporation EL7531IY-T13 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
FN7428.9
July 13, 2006
Thermal Shut-Down
Once the junction reaches about 145°C, the regulator shuts
down. Both the P channel and the N channel MOSFETs turn
off. The output voltage will drop to zero. With the output
MOSFETs turned off, the regulator will soon cool down.
Once the junction temperature drops to about 130°C, the
regulator will restart again in the same manner as EN pin
connects to logic HI.
Thermal Performance
The EL7531 is available in a fused-lead MSOP10 package.
Compared with regular MSOP10 package, the fused- lead
package provides lower thermal resistance. The
θJA is
100°C/W on a 4-layer board and 125°C/W on 2-layer board.
Maximizing the copper area around the pins will further
improve the thermal performance.
Power Good Output
The PG (pin 8) output is used to indicate when the output
voltage is properly regulating at the desired set point. It is an
open-drain output that should be tied to VIN or VCC through
a 100k
Ω resistor. If no faults are detected, EN is high, and
the output voltage is within ~5% of regulation, the PG pin will
be allowed to go high. Otherwise, the open-drain NMOS will
pull PG low.
Output Voltage Selection
Users can set the output voltage of the variable version with
a resister divider, which can be chosen based on the
following formula:
Component Selection
Because of the fixed internal compensation, the component
choice is relatively narrow. For a regulator with fixed output
voltage, only two capacitors and one inductor are required.
We recommend 10µf to 22µF multi-layer ceramic capacitors
with X5R or X7R rating for both the input and output
capacitors, and 1.5 to 2.2µH for the inductor.
The RMS current present at the input capacitor is decided by
the following formula:
This is about half of the output current IO for all the VO. This
input capacitor must be able to handle this current.
The inductor peak-to-peak ripple current is given as:
L is the inductance
fS the switching frequency (nominally 1.4MHz)
The inductor must be able to handle IO for the RMS load
current, and to assure that the inductor is reliable, it must
handle the 2A surge current that can occur during a current
limit condition.
In addition to decoupling capacitors and inductor value, it is
important to properly size the phase-lead capacitor C4
(Refer to the Typical Application Diagram). The phase-lead
capacitor creates additional phase margin in the control loop
by generating a zero and a pole in the transfer function. As a
general rule of thumb, C4 should be sized to start the phase-
lead at a frequency of ~2.5kHz. The zero will always appear
at lower frequency than the pole and follow the equation
below:
Over a normal range of R2 (~10-100k), C4 will range from
~470-4700pF. The pole frequency cannot be set once the
zero frequency is chosen as it is dictated by the ratio of R1
and R2, which is solely determined by the desired output set
point. The equation below shows the pole frequency
relationship:
Layout Considerations
The layout is very important for the converter to function
properly. The following PC layout guidelines should be
followed:
1. Separate the Power Ground (
) and Signal Ground
(
); connect them only at one point right at the pins
2. Place the input capacitor as close to VIN and PGND pins
as possible
3. Make the following PC traces as small as possible:
4. from LX pin to L
5. from CO to PGND
6. If used, connect the trace from the FB pin to R1 and R2
as close as possible
7. Maximize the copper area around the PGND pin
8. Place several via holes under the chip to additional
ground plane to improve heat dissipation
The demo board is a good example of layout based on this
outline. Please refer to the EL7531 Application Brief.
V
O
0.8
1
R
2
R
1
-------
+
⎝⎠
⎜⎟
⎛⎞
×
=
I
INRMS
V
O
V
IN
V
O
()
×
V
IN
-----------------------------------------------
I
O
×
=
∆I
IL
V
IN
(
V
O )
V
O
×
LV
IN
f
S
×
×
--------------------------------------------
=
f
Z
1
2
πR
2C4
----------------------
=
f
P
1
2
π R
1 R2
()C
4
---------------------------------------
=
EL7531


Similar Part No. - EL7531IY-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7531IY-T13 INTERSIL-EL7531IY-T13 Datasheet
492Kb / 10P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
More results

Similar Description - EL7531IY-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97536 INTERSIL-ISL97536_07 Datasheet
230Kb / 8P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
ISL97536 RENESAS-ISL97536 Datasheet
499Kb / 8P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
EL7531 INTERSIL-EL7531 Datasheet
492Kb / 10P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
ISL97536 INTERSIL-ISL97536 Datasheet
258Kb / 9P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
EL7531 RENESAS-EL7531 Datasheet
682Kb / 12P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
EL7530 INTERSIL-EL7530 Datasheet
476Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
ISL8010 RENESAS-ISL8010 Datasheet
699Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
ISL8010 INTERSIL-ISL8010 Datasheet
543Kb / 12P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
EL7530 INTERSIL-EL7530_06 Datasheet
323Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
EL7530 RENESAS-EL7530 Datasheet
638Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com