Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5164IWZ-T7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5164IWZ-T7
Description  600MHz Current Feedback Amplifiers with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5164IWZ-T7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL5164IWZ-T7 Datasheet HTML 2Page - Intersil Corporation EL5164IWZ-T7 Datasheet HTML 3Page - Intersil Corporation EL5164IWZ-T7 Datasheet HTML 4Page - Intersil Corporation EL5164IWZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5164IWZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5164IWZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5164IWZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5164IWZ-T7 Datasheet HTML 9Page - Intersil Corporation EL5164IWZ-T7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN7389.5
August 10, 2005
FIGURE 7. PSRR
FIGURE 8. DISTORTION vs FREQUENCY (AV = +1)
FIGURE 9. DISTORTION vs FREQUENCY (AV = +2)
FIGURE 10. OUTPUT IMPEDANCE
FIGURE 11. ROL FOR VARIOUS VCC, VEE
FIGURE 12. VOLTAGE NOISE
Typical Performance Curves (Continued)
10M
1G
FREQUENCY (Hz)
10K
-20
-40
-60
-80
0
100K
1M
100M
VEE
VCC=+5V
VEE=-5V
AV=+1
-30
-50
-70
-10
VCC
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
10
203040
50
60
FREQUENCY (MHz)
VCC=+5 V
VEE=-5 V
AV=+1
VOUT=2VP-P
RL=100Ω
THIRD HARMONIC
SECOND HARMONIC
THD
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
010
20
30
40
50
60
FREQUENCY (MHz)
THIRD HARMONIC
SECOND HARMONIC
THD
VCC=+5 V
VEE=-5 V
AV=+2
VOUT=2VP-P,
RL=100Ω
10K
100K
1M
100M
FREQENCY (Hz)
10M
0.01
0.1
1
10
VCC=+5 V
VEE=-5 V
AV=+2
10M
1G
FREQUENCY (Hz)
10K
10K
1K
100
10
100K
1M
100K
±6V
±5V
±4V
±3V
±2.5V
VCC, VEE=
1M
100M
100
1K
10K
1M
FREQENCY (Hz)
100K
VCC, VEE=±5V
1
0
10
EL5164, EL5165, EL5364


Similar Part No. - EL5164IWZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5164IWZ-T7 INTERSIL-EL5164IWZ-T7 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5164IWZ-T7 INTERSIL-EL5164IWZ-T7 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5164IWZ-T7 RENESAS-EL5164IWZ-T7 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164IWZ-T7A INTERSIL-EL5164IWZ-T7A Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5164IWZ-T7A INTERSIL-EL5164IWZ-T7A Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
More results

Similar Description - EL5164IWZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5192 INTERSIL-EL5192 Datasheet
386Kb / 17P
   600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5192 RENESAS-EL5192 Datasheet
934Kb / 20P
   600MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5192 INTERSIL-EL5192_07 Datasheet
414Kb / 20P
   600MHz Current Feedback Amplifier with Enable
EL5392A INTERSIL-EL5392A_06 Datasheet
368Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292_07 Datasheet
342Kb / 16P
   Dual 600MHz Current Feedback Amplifier with Enable
EL5392A INTERSIL-EL5392A Datasheet
580Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292 Datasheet
580Kb / 14P
   Dual 600MHz Current Feedback Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com