Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7530 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL7530
Description  Monolithic 600mA Step-Down Regulator with Low Quiescent Current
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7530 Datasheet(HTML) 2 Page - Intersil Corporation

  EL7530_06 Datasheet HTML 1Page - Intersil Corporation EL7530_06 Datasheet HTML 2Page - Intersil Corporation EL7530_06 Datasheet HTML 3Page - Intersil Corporation EL7530_06 Datasheet HTML 4Page - Intersil Corporation EL7530_06 Datasheet HTML 5Page - Intersil Corporation EL7530_06 Datasheet HTML 6Page - Intersil Corporation EL7530_06 Datasheet HTML 7Page - Intersil Corporation EL7530_06 Datasheet HTML 8Page - Intersil Corporation EL7530_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN7434.6
July 12, 2006
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
NOTE:
1.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
Absolute Maximum Ratings (TA = 25°C)
Thermal Information
VIN, VDD, PG to SGND . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.5V
LX to PGND . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VIN + +0.3V)
SYNC, EN, VO, FB to SGND . . . . . . . . . . . . . -0.3V to (VIN + +0.3V)
PGND to SGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V
Peak Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 800mA
Thermal Resistance (Typical)
θJA (°C/W)
MSOP Package (Note 1) . . . . . . . . . . . . . . . . . . . . .
115
Operating Ambient Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VDD = VIN = VEN = 3.3V, C1 = C2 = 10µF, L = 1.8µH, VO = 1.8V (as shown in Typical Application Diagram),
unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
DC CHARACTERISTICS
VFB
Feedback Input Voltage
PWM Mode
790
800
810
mV
IFB
Feedback Input Current
100
nA
VIN, VDD
Input Voltage
2.5
5.5
V
VIN,OFF
Minimum Voltage for Shutdown
VIN falling
2
2.2
V
VIN,ON
Maximum Voltage for Startup
VIN rising
2.2
2.4
V
IS
Input Supply Quiescent Current
Active - PFM Mode
VSYNC = 0V
120
145
µA
Active - PWM Mode
VSYNC = 3.3V
6.5
7.5
mA
IDD
Supply Current
PWM, VIN = VDD = 5V
400
500
µA
EN = 0, VIN = VDD = 5V
0.1
1
µA
RDS(ON)-PMOS PMOS FET Resistance
VDD = 5V, wafer test only
70
100
m
RDS(ON)-NMOS NMOS FET Resistance
VDD = 5V, wafer test only
45
75
m
ILMAX
Current Limit
1.2
A
TOT,OFF
Over-temperature Threshold
T rising
145
°C
TOT,ON
Over-temperature Hysteresis
T falling
130
°C
IEN, ISYNC
EN, SYNC Current
VEN, VRSI = 0V and 3.3V
-1
1
µA
VEN1, VSYNC1
EN, SYNC Rising Threshold
VDD = 3.3V
2.4
V
VEN2, VSYNC2
EN, SYNC Falling Threshold
VDD = 3.3V
0.8
V
VPG
Minimum VFB for PG, WRT Targeted
VFB Value
VFB rising
95
%
VFB falling
86
%
VOLPG
PG Voltage Drop
ISINK = 3.3mA
35
70
mV
AC CHARACTERISTICS
FPWM
PWM Switching Frequency
1.25
1.4
1.6
MHz
tSYNC
Minimum SYNC Pulse Width
Guaranteed by design
25
ns
tSS
Soft-start Time
650
µs
EL7530


Similar Part No. - EL7530_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7530IL INTERSIL-EL7530IL Datasheet
476Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
EL7530IL-T13 INTERSIL-EL7530IL-T13 Datasheet
476Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
EL7530IL-T7 INTERSIL-EL7530IL-T7 Datasheet
476Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
EL7530IY INTERSIL-EL7530IY Datasheet
476Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
EL7530IY RENESAS-EL7530IY Datasheet
638Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
More results

Similar Description - EL7530_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7530 INTERSIL-EL7530 Datasheet
476Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
ISL8010 RENESAS-ISL8010 Datasheet
699Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
ISL8010 INTERSIL-ISL8010 Datasheet
543Kb / 12P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
EL7530 RENESAS-EL7530 Datasheet
638Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
ISL8010 INTERSIL-ISL8010_06 Datasheet
377Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
EL7531 INTERSIL-EL7531_06 Datasheet
344Kb / 11P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
EL7531 INTERSIL-EL7531 Datasheet
492Kb / 10P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
ISL97536 INTERSIL-ISL97536 Datasheet
258Kb / 9P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
EL7531 RENESAS-EL7531 Datasheet
682Kb / 12P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
ISL97536 INTERSIL-ISL97536_07 Datasheet
230Kb / 8P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com