Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59532IKEZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL59532IKEZ
Description  32x32 Video Crosspoint
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59532IKEZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL59532IKEZ Datasheet HTML 4Page - Intersil Corporation ISL59532IKEZ Datasheet HTML 5Page - Intersil Corporation ISL59532IKEZ Datasheet HTML 6Page - Intersil Corporation ISL59532IKEZ Datasheet HTML 7Page - Intersil Corporation ISL59532IKEZ Datasheet HTML 8Page - Intersil Corporation ISL59532IKEZ Datasheet HTML 9Page - Intersil Corporation ISL59532IKEZ Datasheet HTML 10Page - Intersil Corporation ISL59532IKEZ Datasheet HTML 11Page - Intersil Corporation ISL59532IKEZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
FN7432.5
February 7, 2007
FIGURE 13. HARMONIC DISTORTION vs FREQUENCY
FIGURE 14. HARMONIC DISTORTION vs VOUT_P-P
FIGURE 15. DISABLED OUTPUT IMPEDANCE
FIGURE 16. ENABLED OUTPUT IMPEDANCE
FIGURE 17. RISE TIME - AV = 1
FIGURE 18. FALL TIME - AV = 1
Typical Performance Curves (Continued)
AV = 2
RL = 100Ω
INPUT_CH 0
OUTPUT_CH 0
VOP-P = 2V
2nd HD
3rd HD
THD
AV = 2
RL = 100Ω
INPUT_CH 0
OUTPUT_CH 0
FREQUENCY = 1MHz
THD
2nd HD
3rd HD
MUX MODE
AV = 1
RL = 100Ω
INPUT_CH 31
OUTPUT_CH 31
RISE TIME
2.35ns
MUX MODE
AV = 1
RL = 100Ω
INPUT_CH 31
OUTPUT_CH 31
FALL TIME
2.65ns
ISL59532


Similar Part No. - ISL59532IKEZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59532IKEZ INTERSIL-ISL59532IKEZ Datasheet
1Mb / 24P
   32x32 Video Crosspoint
ISL59532IKEZ INTERSIL-ISL59532IKEZ Datasheet
1Mb / 24P
   32x32 Video Crosspoint
logo
Renesas Technology Corp
ISL59532IKEZ RENESAS-ISL59532IKEZ Datasheet
1Mb / 25P
   32x32 Video Crosspoint
More results

Similar Description - ISL59532IKEZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59532_0708 INTERSIL-ISL59532_0708 Datasheet
1Mb / 24P
   32x32 Video Crosspoint
ISL59532 INTERSIL-ISL59532 Datasheet
1Mb / 24P
   32x32 Video Crosspoint
logo
Renesas Technology Corp
ISL59532 RENESAS-ISL59532 Datasheet
1Mb / 25P
   32x32 Video Crosspoint
logo
Intersil Corporation
ISL59533 INTERSIL-ISL59533 Datasheet
1Mb / 24P
   32x32 Video Crosspoint with Differential Inputs
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
TriQuint Semiconductor
TQ8032 TRIQUINT-TQ8032 Datasheet
177Kb / 8P
   800 Megabit/sec 32x32 Digital ECL Crosspoint Switch
logo
Intersil Corporation
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
logo
Analog Devices
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
   Video Crosspoint Switch
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
   Video Crosspoint Switch
REV. 0
AD8106 AD-AD8106_15 Datasheet
580Kb / 28P
   Video Crosspoint Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com