Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7532IY-T7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL7532IY-T7
Description  Monolithic 2A Step-Down Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7532IY-T7 Datasheet(HTML) 6 Page - Intersil Corporation

  EL7532IY-T7 Datasheet HTML 1Page - Intersil Corporation EL7532IY-T7 Datasheet HTML 2Page - Intersil Corporation EL7532IY-T7 Datasheet HTML 3Page - Intersil Corporation EL7532IY-T7 Datasheet HTML 4Page - Intersil Corporation EL7532IY-T7 Datasheet HTML 5Page - Intersil Corporation EL7532IY-T7 Datasheet HTML 6Page - Intersil Corporation EL7532IY-T7 Datasheet HTML 7Page - Intersil Corporation EL7532IY-T7 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
FN7435.7
December 8, 2006
Applications Information
Product Description
The EL7532 is a synchronous, integrated FET 2A step-down
regulator which operates from an input of 2.5V to 6V. The
output voltage is user-adjustable with a pair of external
resistors.
The internally-compensated controller makes it possible to
use only two ceramic capacitors and one inductor to form a
complete, very small footprint 2A DC-DC converter.
Start-Up and Shut-Down
When the EN pin is tied to VIN, and VIN reaches
approximately 2.4V, the regulator begins to switch. The
output voltage is gradually increased to ensure proper soft-
start operation.
When the EN pin is connected to a logic low, the EL7532 is
in the shut-down mode. All the control circuitry and both
MOSFETs are off, and VOUT falls to zero. In this mode, the
total input current is less than 1µA.
When the EN reaches logic HI, the regulator repeats the
start-up procedure, including the soft-start function.
PWM Operation
In the PWM mode, the P channel MOSFET and N channel
MOSFET always operate complementary. When the
PMOSFET is on and the NMOSFET off, the inductor current
increases linearly. The input energy is transferred to the
output and also stored in the inductor. When the P channel
MOSFET is off and the N channel MOSFET on, the inductor
current decreases linearly, and energy is transferred from
the inductor to the output. Hence, the average current
through the inductor is the output current. Since the inductor
and the output capacitor act as a low pass filter, the duty
cycle ratio is approximately equal to VO divided by VIN.
The output LC filter has a second order effect. To maintain
the stability of the converter, the overall controller must be
compensated. This is done with the fixed internally
compensated error amplifier and the PWM compensator.
Because the compensations are fixed, the values of input
and output capacitors are 10µF to 22µF ceramic. The
inductor is nominally 1.8µH, though 1.5µH to 2.2µH can be
used.
100% Duty Ratio Operation
EL7532 utilizes CMOS power FET's as the internal
synchronous power switches. The upper switch is a PMOS
and lower switch a NMOS. This not only saves a boot
capacitor, it also allows 100% turn-on of the upper PFET
switch, achieving VO close to VIN. The maximum achievable
VO is,
Where RL is the DC resistance on the inductor and RDSON1
the PFET on-resistance, nominal 70m
Ω at room temperature
with tempco of 0.2m
Ω/°C.
As the input voltage drops gradually close or even below the
preset VO, the converter gets into 100% duty ratio. At this
condition, the upper PFET needs some minimum turn-off
time if it is turned off. This off-time is related to input/output
conditions. This makes the duty ratio appear randomly and
increases the output ripple somewhat until the 100% duty
ratio is reached. A larger output capacitor could reduce the
random-looking ripple. Users need to verify if this condition
has an adverse effect on the overall circuit if close to 100%
duty ratio is expected.
RSI/POR Function
When powering up, the open-collector Power-On-Reset
output holds low for about 100ms after VO reaches the
preset voltage. When the active-HI reset signal RSI is
issued, POR goes to low immediately and holds for the
same period of time after RSI comes back to LOW. The
output voltage is unaffected. (Please refer to the timing
diagram). When the function is not used, connect RSI to
ground and leave open the pull-up resister R4 at POR pin.
The POR output also serves as a 100ms delayed Power
Good signal when the pull-up resister R4 is installed. The
RSI pin needs to be directly (or indirectly through a resister
R5) connected to Ground for this to function properly.
Output Voltage Selection
Users can set the output voltage of the converter with a
resister divider, which can be chosen based on the following
formula:
Component Selection
Because of the fixed internal compensation, the component
choice is relatively narrow. We recommend 10µF to 22µF
multi-layer ceramic capacitors with X5R or X7R rating for
both the input and output capacitors, and 1.5µH to 2.2µH
inductance for the inductor.
V
O
V
IN
R
L
R
DSON1
+
() I
O
×
=
100ms
MIN
25ns
100ms
POR
RSI
VO
FIGURE 13. RSI & POR TIMING DIAGRAM
V
O
0.8
1
R
2
R
1
-------
+
⎝⎠
⎜⎟
⎛⎞
×
=
EL7532


Similar Part No. - EL7532IY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7532IY INTERSIL-EL7532IY Datasheet
226Kb / 8P
   Monolithic 2A Step-Down Regulator
EL7532IYZ INTERSIL-EL7532IYZ Datasheet
226Kb / 8P
   Monolithic 2A Step-Down Regulator
logo
Renesas Technology Corp
EL7532IYZ RENESAS-EL7532IYZ Datasheet
506Kb / 9P
   Monolithic 2A Step-Down Regulator
More results

Similar Description - EL7532IY-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7532 RENESAS-EL7532 Datasheet
506Kb / 9P
   Monolithic 2A Step-Down Regulator
logo
Intersil Corporation
EL7532 INTERSIL-EL7532 Datasheet
226Kb / 8P
   Monolithic 2A Step-Down Regulator
logo
Linear Technology
LT3500 LINER-LT3500_15 Datasheet
328Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT3500 LINER-LT3500 Datasheet
286Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939 Datasheet
347Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939EDD LINER-LT1939EDD Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939_15 Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT3510 LINER-LT3510_15 Datasheet
355Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3510 LINER-LT3510 Datasheet
310Kb / 28P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
logo
Aimtron Technology
AT1799 AIMTRON-AT1799 Datasheet
348Kb / 14P
   2A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com