Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL9115ILZ-T13 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL9115ILZ-T13
Description  Triple Analog Video Delay Line
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9115ILZ-T13 Datasheet(HTML) 7 Page - Intersil Corporation

  EL9115ILZ-T13 Datasheet HTML 1Page - Intersil Corporation EL9115ILZ-T13 Datasheet HTML 2Page - Intersil Corporation EL9115ILZ-T13 Datasheet HTML 3Page - Intersil Corporation EL9115ILZ-T13 Datasheet HTML 4Page - Intersil Corporation EL9115ILZ-T13 Datasheet HTML 5Page - Intersil Corporation EL9115ILZ-T13 Datasheet HTML 6Page - Intersil Corporation EL9115ILZ-T13 Datasheet HTML 7Page - Intersil Corporation EL9115ILZ-T13 Datasheet HTML 8Page - Intersil Corporation EL9115ILZ-T13 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
FN7441.3
October 12, 2006
Serial Bus Operation
On the first negative clock edge after NSEnable goes low
read input from DATA. This DATA level should be 0 (write
into registers), READ is not supported. Read the next two
data bits on subsequent negative edges and interpret them
as the register to be filled. Reg 01 = R, 02 = G, 03 = B, 00
test use. Read the next five bits of data and send them to
register. At the end of each block of 8 bits, any further data is
treated as being a new word. Data entered is shifted directly
to the final registers as it is clocked in. Initial value of all
registers on power up is 0. It is the user's responsibility to
send complete patterns of 8 clock cycles even if the first bit
is set to 1. If less than 8 bits are sent, data will only be
partially shifted through the registers. The pattern of 8 starts
with NSEnable going low, so it is good practice to frame
each word within an NS enable burst.
TABLE 1. SERIAL BUS DATA
vwxyz
DELAY
00000
0
00001
2
00010
4
00011
6
00100
8
00101
10
00110
12
00111
14
01000
16
01001
18
01010
20
01011
22
01100
24
01101
26
01110
28
01111
30
10000
32
10001
34
10010
36
10011
38
10100
40
10101
42
10110
44
10111
46
11000
48
11001
50
11010
52
11011
54
11100
56
11101
58
11110
60
11111
62
NOTES:
Delay register word = 0abvwxyz
Red register - ab = 01
Green register - ab = 10
Blue register - ab = 11
vwxyz selects delay
TABLE 1. SERIAL BUS DATA (Continued)
vwxyz
DELAY
NSENABLE
SCLOCK
SDATA
A1
A0
D4
D3
D2
D1
D0
0
a
b
v
w
x
y
z
EL9115


Similar Part No. - EL9115ILZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9115ILZ-T13 INTERSIL-EL9115ILZ-T13 Datasheet
581Kb / 9P
   Triple Analog Video Delay Line
EL9115ILZ-T13 INTERSIL-EL9115ILZ-T13 Datasheet
373Kb / 9P
   Triple Analog Video Delay Line
EL9115ILZ-T13 INTERSIL-EL9115ILZ-T13 Datasheet
388Kb / 9P
   Triple Analog Video Delay Line
More results

Similar Description - EL9115ILZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9115 INTERSIL-EL9115 Datasheet
581Kb / 9P
   Triple Analog Video Delay Line
EL9115 INTERSIL-EL9115_08 Datasheet
373Kb / 9P
   Triple Analog Video Delay Line
EL9115ILZ INTERSIL-EL9115ILZ Datasheet
446Kb / 10P
   Triple Analog Video Delay Line
January 12, 2012
EL9115 INTERSIL-EL9115_09 Datasheet
388Kb / 9P
   Triple Analog Video Delay Line
logo
Renesas Technology Corp
EL9115 RENESAS-EL9115 Datasheet
651Kb / 10P
   Triple Analog Video Delay Line
logo
Intersil Corporation
ISL59920 INTERSIL-ISL59920 Datasheet
815Kb / 16P
   Triple Analog Video Delay Lines
ISL59920IRZ INTERSIL-ISL59920IRZ Datasheet
795Kb / 18P
   Triple Analog Video Delay Lines
August 27, 2015
logo
Renesas Technology Corp
ISL59920 RENESAS-ISL59920 Datasheet
1Mb / 18P
   Triple Analog Video Delay Lines
logo
Intersil Corporation
ISL59920 INTERSIL-ISL59920_09 Datasheet
724Kb / 15P
   Triple Analog Video Delay Lines
logo
Analog Devices
AD8120 AD-AD8120 Datasheet
455Kb / 16P
   Triple Skew-Compensating Video Delay Line with Analog and Digital Control
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com