Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5364IUZ-T13 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL5364IUZ-T13
Description  600MHz Current Feedback Amplifiers with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5364IUZ-T13 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL5364IUZ-T13 Datasheet HTML 3Page - Intersil Corporation EL5364IUZ-T13 Datasheet HTML 4Page - Intersil Corporation EL5364IUZ-T13 Datasheet HTML 5Page - Intersil Corporation EL5364IUZ-T13 Datasheet HTML 6Page - Intersil Corporation EL5364IUZ-T13 Datasheet HTML 7Page - Intersil Corporation EL5364IUZ-T13 Datasheet HTML 8Page - Intersil Corporation EL5364IUZ-T13 Datasheet HTML 9Page - Intersil Corporation EL5364IUZ-T13 Datasheet HTML 10Page - Intersil Corporation EL5364IUZ-T13 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FN7389.5
August 10, 2005
FIGURE 13. CURRENT NOISE
FIGURE 14. TURN ON DELAY
FIGURE 15. TURN OFF DELAY
FIGURE 16. DIFFERENTIAL GAIN/PHASE vs DC INPUT
VOLTAGE AT 3.58MHz
FIGURE 17. FREQUENCY RESPONSE FOR VARIOUS
CHANNELS
FIGURE 18. CHANNEL CROSSTALK BETWEEN CHANNELS
Typical Performance Curves (Continued)
100
1K
10K
100K
FREQUENCY (Hz)
VCC=+5V
VEE=-5V
10
1
100
VCC = +5V, VEE = -5V
AV = +2
RL = 150Ω
CH1
CH2
VCC = +5V
VEE = -5V
AV = +2
RL = 150Ω
CH1
CH2
1V
0
-1V
DC INPUT
0
-0.001
-0.002
-0.003
0.001
0.002
0.003
-0.002
-0.003
-0.004
-0.005
-0.001
0.00
0.001
0.002
PHASE
GAIN
VCC = +5V, VEE = -5V
AV = +2
TEST FREQUENCY, 3.58MHz
FREQUENCY (Hz)
C
VCC=+5V
VEE=-5V
RL=100Ω
RF=860Ω
RG=860Ω
CL=5pF
B
A
-70
-80
-90
-100
-110
-120
-130
-60
-50
-40
-30
10K
1M
10M
1G
100K
100M
10K
FREQUENCY (Hz)
1M
10M
1G
-70
-80
-90
-100
-110
-120
-130
-60
-50
-40
-30
100K
C TO B
VCC=+5V
VEE=-5V
RL=100Ω
RF=422Ω
RG=422Ω
100M
A TO C
A TO B
EL5164, EL5165, EL5364


Similar Part No. - EL5364IUZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5364IUZ-T13 INTERSIL-EL5364IUZ-T13 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5364IUZ-T13 INTERSIL-EL5364IUZ-T13 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5364IUZ-T13 RENESAS-EL5364IUZ-T13 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
More results

Similar Description - EL5364IUZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5192 INTERSIL-EL5192 Datasheet
386Kb / 17P
   600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5192 RENESAS-EL5192 Datasheet
934Kb / 20P
   600MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5192 INTERSIL-EL5192_07 Datasheet
414Kb / 20P
   600MHz Current Feedback Amplifier with Enable
EL5392A INTERSIL-EL5392A_06 Datasheet
368Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292_07 Datasheet
342Kb / 16P
   Dual 600MHz Current Feedback Amplifier with Enable
EL5392A INTERSIL-EL5392A Datasheet
580Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292 Datasheet
580Kb / 14P
   Dual 600MHz Current Feedback Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com