Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL9111IL-T13 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL9111IL-T13
Description  Triple Differential Receiver/Equalizer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9111IL-T13 Datasheet(HTML) 3 Page - Intersil Corporation

  EL9111IL-T13 Datasheet HTML 1Page - Intersil Corporation EL9111IL-T13 Datasheet HTML 2Page - Intersil Corporation EL9111IL-T13 Datasheet HTML 3Page - Intersil Corporation EL9111IL-T13 Datasheet HTML 4Page - Intersil Corporation EL9111IL-T13 Datasheet HTML 5Page - Intersil Corporation EL9111IL-T13 Datasheet HTML 6Page - Intersil Corporation EL9111IL-T13 Datasheet HTML 7Page - Intersil Corporation EL9111IL-T13 Datasheet HTML 8Page - Intersil Corporation EL9111IL-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
FN7450.3
September 19, 2006
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage between VS+ and VS- . . . . . . . . . . . . . . . . . . . . .12V
Maximum Continuous Output Current per Channel. . . . . . . . . 30mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Pin Voltages . . . . . . . . . . . . . . . . . . . . . . . . . VS- -0.5V to VS+ +0.5V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
Die Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . +150°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VSA+ = VA+ = +5V, VSA- = VA- = -5V, TA = +25°C, exposed die plate = -5V, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
BW
Bandwidth
(See Figure 1)
150
MHz
SR
Slew Rate
VIN = -1V to +1V, VG = 0.39, VC = 0,
RL = 75 + 75Ω
1.5
kV/µs
THD
Total Harmonic Distortion
10MHz 2VP-P out, VG = 1V, X2 gain, VC = 0
-50
dBc
DC PERFORMANCE
V(VOUT)OS
Offset Voltage
X2 = high, no equalization
-110
-10
+78
mV
∆V
OS
Channel-to-Channel Offset Matching X2 = high, no equalization
-100
0
+100
mV
INPUT CHARACTERISTICS
CMIR
Common-mode Input Range
-4/+3.5
V
ONOISE
Output Noise
VG = 0V, VC = 0V, X2 = HIGH, RLOAD = 150Ω,
Input 50
Ω to GND, 10MHz
-110
dBm
CMRR
Common-mode Rejection Ratio
Measured at 10kHz
-80
dB
CMRR
Common-mode Rejection Ratio
Measured at 10MHz
-55
dB
CMBW
CM Amplifier Bandwidth
10K || 10pF load
50
MHz
CMSLEW
CM Slew Rate
Measured @ +1V to -1V
100
V/µs
CINDIFF
Differential Input Capacitance
Capacitance VINP to VINM
600
fF
RINDIFF
Differential Input Resistance
Resistance VINP to VINM
12.4
M
CINCM
CM Input Capacitance
Capacitance VINP = VINM to GND
1.2
pF
RINCM
CM Input Resistance
Resistance VINP = VINM to GND
1
2.8
M
+IIN
Positive Input Current
DC bias @ VINP = VINM = 0V
1
µA
-IIN
Negative Input Current
DC bias @ VINP = VINM = 0V
1
µA
VINDIFF
Differential Input Range
VINP - VINM when slope gain falls to 0.9
2.5
3.2
V
OUTPUT CHARACTERISTICS
V(VOUT)
Output Voltage Swing
RL = 150Ω
±3.5
V
I(VOUT)
Output Drive Current
RL = 10Ω, VINP = 1V, VINM = 0V, X2 = high,
VG = 0.39
50
60
mA
R(VCM)
CM Output Resistance of
VCM_R/G/B (EL9112 only)
at 100kHz
30
Gain
Gain
VC = 0, VG = 0.39, X2 = 5, RL = 150Ω
0.85
1.0
1.1
∆Gain @ DC
Channel-to-Channel Gain Matching
VC = 0, VG = 0.39, X2 = 5, RL = 150Ω
36
%
∆Gain @
15MHz
Channel-to-Channel Gain Matching
VC = 0.6, VG = 0.39, X2 = 5, RL = 150Ω,
Frequency = 15MHz
310
%
V(SYNC)HI
High Level output on V/HOUT
(EL9111 only)
V(VSP)
- 0.1V
V(VSP)
EL9111, EL9112


Similar Part No. - EL9111IL-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9111IL-T13 INTERSIL-EL9111IL-T13 Datasheet
800Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111IL-T13 INTERSIL-EL9111IL-T13 Datasheet
576Kb / 13P
   Triple Differential Receiver/Equalizer
EL9111IL-T13 INTERSIL-EL9111IL-T13 Datasheet
579Kb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
More results

Similar Description - EL9111IL-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59910IRZ INTERSIL-ISL59910IRZ Datasheet
485Kb / 12P
   Triple Differential Receiver/Equalizer
December 15, 2006
logo
Renesas Technology Corp
ISL59910 RENESAS-ISL59910 Datasheet
819Kb / 12P
   Triple Differential Receiver/Equalizer
logo
Intersil Corporation
EL9111 INTERSIL-EL9111 Datasheet
800Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_07 Datasheet
576Kb / 13P
   Triple Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9111 RENESAS-EL9111 Datasheet
1Mb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
logo
Intersil Corporation
ISL59910 INTERSIL-ISL59910 Datasheet
481Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111IL INTERSIL-EL9111IL Datasheet
579Kb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
EL9110 INTERSIL-EL9110_07 Datasheet
178Kb / 10P
   Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9110 RENESAS-EL9110 Datasheet
499Kb / 10P
   Differential Receiver/Equalizer
logo
Intersil Corporation
EL9110 INTERSIL-EL9110 Datasheet
233Kb / 8P
   Differential Receiver/Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com