Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29002 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL29002
Description  Light-to-Digital I2C Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29002 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL29002 Datasheet HTML 2Page - Intersil Corporation ISL29002 Datasheet HTML 3Page - Intersil Corporation ISL29002 Datasheet HTML 4Page - Intersil Corporation ISL29002 Datasheet HTML 5Page - Intersil Corporation ISL29002 Datasheet HTML 6Page - Intersil Corporation ISL29002 Datasheet HTML 7Page - Intersil Corporation ISL29002 Datasheet HTML 8Page - Intersil Corporation ISL29002 Datasheet HTML 9Page - Intersil Corporation ISL29002 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
FN7465.2
December 1, 2006
integration is no longer fixed at 32,768, but varies with the
chosen integration time, and is limited to 65,536. In order to
avoid erroneous lux readings the integration must be short
enough not to allow an overflow in the counter register.
where:
Tint = user defined integration time
fosc = 300kHz*100kΩ/REXT. ISL29002’s internal oscillator.
Not to be confused with the I2C’s frequency.
REXT = user defined external resistor to adjust fosc. 100kΩ
recommended.
The number of clock cycles in the previous integration period
is provided in the third and fourth bytes of data read across
the I2C bus. This two-byte value is called the integration
counter value.
When using one of the three external timing modes, the
ISL29002’s resolution varies with the integration time. The
resolution is determined by the ratio of the max lux range to
the number of clock cycles per integration.
The following equations describe the light intensity as a
function of sensor reading, integration counter value, and
integration time:
Tint = Time Interval between external time commands
where L is the measured light intensity, Data1 is the sensor
reading, Data2 is the integration counter value, T is the
integration time, and REXT is external resistor value.
Noise Rejection and Integration Time
In general, integrating type ADC’s have an excellent noise-
rejection characteristics for periodic noise sources whose
frequency is an integer multiple of the integration time. For
instance, a 60Hz AC unwanted signal’s sum from 0ms to
n*16.66ms (n = 1,2...ni) is zero. Similarly, setting the
ISL29002’s integration time to an integer multiple of periodic
noise signal greatly improves the light sensor output signal
in the presence of noise. The integration time, Tint, of the
ISL29002 is set by an external resistor REXT.
See Equation 3.
Design Example 1
Using the ISL29002, determine a suitable integration time,
Tint, that will ignore the presence of both 60Hz and 50Hz
noise. Accordingly, specify the REXT value. Given that the
I2C clock is at fI2C = 10kHz.
Solution 1 - Using Internal Timing
Tint = n(1/60Hz) = m(1/50Hz). In order to achieve both 60Hz
and 50Hz AC rejection, the integration time needs to be
adjusted to coincide with an integer multiple of the AC noise
cycle times.
n/m = 60Hz/50Hz = 6/5. The first instance of integer values at
which Tint rejects both 60Hz and 50Hz is when m = 5, and n =
6.
Tint = 6(1/60Hz) = 5(1/50Hz) = 100ms
From Equation 3:
REXT = Tint * (100kΩ/110ms) = 90.9kΩ. By populating
REXT =90kΩ, the ISL29002 defaults to 100ms integration time
and will reject the presence of both 60Hz and 50Hz power line
signals.
Solution 2 - Using External Timing
From solution 1, the desired integration time is 100ms. Note
that the REXT resistor does not determine the integration time
when using external timing mode. Instead, the integration and
the 16-bit counter starts when an external timing mode
command is sent and end when another external timing mode
is sent. In other words, the time between two external timing
mode command is the integration time. The programmer
determines how many clock cycles to wait between two
external timing commands.
iI2C = fI2C * Tint, where iI2C = number of I
2C cycles
iI2C = 10kHz *100ms
iI2C = 1,000 I
2C clock cycles. An external timing command
1,000 cycles after another external timing command rejects
both 60Hz and 50Hz AC noise signals.
IR Rejection
Any filament type light source has a high presence of infrared
component invisible to the human eye. A white fluorescent
lamp, on the other hand has a low IR content. As a result,
output sensitivity may vary depending on the light source.
Maximum attenuation of IR can be achieved by properly scaling
the readings of Diode1 and Diode2. The user obtains data
reading from sensor diode 1, D1, which is sensitive to visible
and IR, then reading from sensor diode 2, D2 which is mostly
sensitive from IR. The graph on Figure 9 shows the effective
spectral response after applying Equation 7 of the ISL29002
from 400nm to 1000nm. The equation below describes the
method of cancelling IR in internal timing mode.
Where:
data = lux amount in number of counts less IR presence
D1 = data reading of Diode 1
D2 = data reading of Diode 2
n = 1.85. This is a fudge factor to scale back the sensitivity up to
ensure Equation 2 is valid.
k = 7.5. This is a scaling factor for the IR sensitive Diode 2.
T
int
65,536
f
OSC
------------------
<
(EQ. 5)
Elux
()
50 000lux
,
R
EXT 100 kΩ
()
-------------------------------------------
Data1
Data2
-----------------
=
(EQ. 6)
D3
n D1
kD2
()
=
(EQ. 7)
ISL29002


Similar Part No. - ISL29002

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29000 INTERSIL-ISL29000 Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000 RENESAS-ISL29000 Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29000IROZ INTERSIL-ISL29000IROZ Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
ISL29000IROZ-EVALZ INTERSIL-ISL29000IROZ-EVALZ Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000IROZ-EVALZ RENESAS-ISL29000IROZ-EVALZ Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
More results

Similar Description - ISL29002

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29001 INTERSIL-ISL29001 Datasheet
227Kb / 11P
   Light-to-Digital Sensor
logo
Everlight Electronics C...
ALS-PDIC17-57B-TR8 EVERLIGHT-ALS-PDIC17-57B-TR8 Datasheet
603Kb / 19P
   Surface - Mount I2C Digital Ambient Light Sensor
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
logo
Texas Instruments
OPT3002 TI1-OPT3002 Datasheet
331Kb / 8P
[Old version datasheet]   Light-to-Digital Sensor
logo
Intersil Corporation
ISL29001IROZ-T7 INTERSIL-ISL29001IROZ-T7 Datasheet
278Kb / 11P
   Light-to-Digital Sensor
ISL29001
logo
Fairchild Semiconductor
FLD00050 FAIRCHILD-FLD00050 Datasheet
2Mb / 22P
   I2C Digital Ambient Light and Proximity Sensor
logo
Intersil Corporation
ISL76683_1103 INTERSIL-ISL76683_1103 Datasheet
594Kb / 17P
   Light-to-Digital Output Sensor
logo
ams AG
TSL2540 AMSCO-TSL2540 Datasheet
540Kb / 37P
   ALS, Light-to-Digital Sensor
TSL2541 AMSCO-TSL2541 Datasheet
716Kb / 38P
   ALS, Light-to-Digital Sensor
2018-Jan-23
TSL2540 AMSCO-TSL2540_V01 Datasheet
552Kb / 37P
   ALS, Light-to-Digital Sensor
2019-Mar-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com