Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59442IB-T13 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL59442IB-T13
Description  1GHz, 4 x 1 Multiplexing Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59442IB-T13 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL59442IB-T13 Datasheet HTML 1Page - Intersil Corporation ISL59442IB-T13 Datasheet HTML 2Page - Intersil Corporation ISL59442IB-T13 Datasheet HTML 3Page - Intersil Corporation ISL59442IB-T13 Datasheet HTML 4Page - Intersil Corporation ISL59442IB-T13 Datasheet HTML 5Page - Intersil Corporation ISL59442IB-T13 Datasheet HTML 6Page - Intersil Corporation ISL59442IB-T13 Datasheet HTML 7Page - Intersil Corporation ISL59442IB-T13 Datasheet HTML 8Page - Intersil Corporation ISL59442IB-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
FN7452.4
January 5, 2007
FIGURE 9. PSRR
CHANNELS
FIGURE 10. CROSSTALK
AND OFF ISOLATION
FIGURE 11. ROUT vs FREQUENCY
FIGURE 12. INPUT NOISE vs FREQUENCY
FIGURE 13. THD vs FREQUENCY
FIGURE 14. HARMONIC DISTORTION vs FREQUENCY
Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = +25°C, unless otherwise specified. (Continued)
FREQUENCY (Hz)
0
-10
-30
0.3M
1M
10M
100M
1G
-50
-70
PSRR (V-)
PSRR (V+)
10
-20
-40
-60
-80
20
VIN = 200mVP-P
CL = 23.6pF
RS = 25Ω
FREQUENCY (MHz)
-20
-40
-60
0.001
0.1
10
100
500
-80
-100
CROSSTALK
OFF ISOLATION
-30
-50
-70
-90
-110
-10
1
0.01
3
6
VIN = 1VP-P
CL = 23.6pF
RS = 25Ω
100
10
1
0.1
0.1M
1M
10M
100M
1G
FREQUENCY (Hz)
VOUT = 100mVP-P
60
50
40
30
20
10
0
0.1k
1k
10k
100k
FREQUENCY (Hz)
RF = 500Ω
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.1M
1M
10M
100M
1G
FREQUENCY (Hz)
V+ = 5V, V- = -5V
VOUT = 2VP-P
WORST CHANNEL
RL = 150Ω
RL = 75Ω
RL = 350Ω
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.1M
1M
10M
100M
1G
FREQUENCY (Hz)
V+ = 5V, V- = -5V
VOUT = 2VP-P
WORST CHANNEL
H2, RL = 350Ω
H2, RL = 150Ω
H3, RL = 75Ω
H2, RL = 75Ω
H3, RL = 350Ω
H3, RL = 150Ω
ISL59442


Similar Part No. - ISL59442IB-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59442IB-T13 INTERSIL-ISL59442IB-T13 Datasheet
560Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59442IB-T13 RENESAS-ISL59442IB-T13 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
More results

Similar Description - ISL59442IB-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59442 RENESAS-ISL59442 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Intersil Corporation
ISL59442 INTERSIL-ISL59442 Datasheet
560Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
ISL59444 INTERSIL-ISL59444 Datasheet
579Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier with Synchronous Controls
logo
Renesas Technology Corp
ISL59444 RENESAS-ISL59444 Datasheet
770Kb / 13P
   1GHz, 4x1 Multiplexing Amplifier with Synchronous Controls
logo
Intersil Corporation
ISL59424 INTERSIL-ISL59424 Datasheet
780Kb / 13P
   1GHz Triple Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
ISL59452 INTERSIL-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Intersil Corporation
ISL59446 INTERSIL-ISL59446 Datasheet
766Kb / 13P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com