Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7341Q Datasheet(PDF) 6 Page - International Rectifier

Part # IRF7341Q
Description  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7341Q Datasheet(HTML) 6 Page - International Rectifier

  IRF7341Q Datasheet HTML 1Page - International Rectifier IRF7341Q Datasheet HTML 2Page - International Rectifier IRF7341Q Datasheet HTML 3Page - International Rectifier IRF7341Q Datasheet HTML 4Page - International Rectifier IRF7341Q Datasheet HTML 5Page - International Rectifier IRF7341Q Datasheet HTML 6Page - International Rectifier IRF7341Q Datasheet HTML 7Page - International Rectifier IRF7341Q Datasheet HTML 8Page - International Rectifier IRF7341Q Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRF7341Q
6
www.irf.com
Fig 12. Typical On-Resistance Vs.
Drain Current
Fig 11. Typical On-Resistance Vs.
Gate Voltage
Fig 13b. Gate Charge Test Circuit
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 13a. Basic Gate Charge Waveform
QG
QGS
QGD
VG
Charge
10 V
Fig 14. Maximum Avalanche Energy
Vs. Drain Current
25
50
75
100
125
150
175
0
80
160
240
320
400
Starting Tj, Junction Temperature
( C)
°
I D
TOP
BOTTOM
2.1A
4.3A
5.1A
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
VGS, Gate -to -Source Voltage (V)
0.020
0.030
0.040
0.050
0.060
0.070
ID = 7.1A
0
1020
30405060
ID , Drain Current ( A )
0.020
0.040
0.060
0.080
0.100
VGS = 4.5V
VGS = 10V


Similar Part No. - IRF7341Q

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7341QPBF IRF-IRF7341QPBF Datasheet
231Kb / 9P
   HEXFET짰 Power MOSFET
IRF7341QPBF IRF-IRF7341QPBF Datasheet
218Kb / 9P
   Advanced Process Technology
IRF7341QTRPBF IRF-IRF7341QTRPBF Datasheet
218Kb / 9P
   Advanced Process Technology
More results

Similar Description - IRF7341Q

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com